Electronic Components Datasheet Search
  English  ▼

X  

TSB14C01AMHV Datasheet(PDF) 19 Page - Texas Instruments

Part # TSB14C01AMHV
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AMHV Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSB14C01AMHV Datasheet HTML 15Page - Texas Instruments TSB14C01AMHV Datasheet HTML 16Page - Texas Instruments TSB14C01AMHV Datasheet HTML 17Page - Texas Instruments TSB14C01AMHV Datasheet HTML 18Page - Texas Instruments TSB14C01AMHV Datasheet HTML 19Page - Texas Instruments TSB14C01AMHV Datasheet HTML 20Page - Texas Instruments TSB14C01AMHV Datasheet HTML 21Page - Texas Instruments TSB14C01AMHV Datasheet HTML 22Page - Texas Instruments TSB14C01AMHV Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
definition of logic states
Drivers assert the bus to indicate a 1 logic state, or release the bus to indicate a 0 logic state. To assert the bus,
a driver sinks current. To release the bus, drivers are asserted to a high-impedance state or turned off, allowing
the bus signal to be pulled to the termination voltage of the bus.
NOTE
This typically results in a logical inversion of signals on TTL and BTL buses. Signals on ECL buses
typically are not inverted.
All drivers operate in a wired-ORed or open-collector mode during arbitration. Drivers can operate in a totem
pole mode during data packet and acknowledge transfers. In this mode, a driver can drive the bus into its
released state in order to decrease the rise time of the bus signal (referred to as a rescinding release with TTL
technology).
bit rates
Data transmission and reception occurs at 49.152 Mbit/s or 98.304 Mbit/s (
±100 ppm). Regardless of the
interface technology, arbitration occurs at an arbitration clock rate of 49.152 MHz.
backplane transmit data timing
Edge separation is the minimum required time between any two consecutive transitions of the backplane bus
signals, as they appear from the output of the transmitters, whether they be transitions on the same signal or
transitions on the two separate signals. A minimum edge separation is required to ensure proper operation of
the data strobe bit-level encoding mechanism. TDATA and TSTRB have the relationship shown in Figure 9 and
Table 13.
t1
t1
t1
t1
t2
t2
t2
t2
TDATA
TSTRB
Figure 9. Minimum Edge Separation
Table 13. TSB14C01A to Backplane Transceiver Timing
PARAMETER
98.304 MHz
49.152 MHz
t1
Bit cell period for data
9.44 ns minimum
19.44 ns minimum
t2
Transmit (Tx) edge separation
8.65 ns minimum
18.65 ns minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com