Electronic Components Datasheet Search
  English  ▼

X  

TUSB2036 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036
Description  2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2036 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2036 Datasheet HTML 2Page - Texas Instruments TUSB2036 Datasheet HTML 3Page - Texas Instruments TUSB2036 Datasheet HTML 4Page - Texas Instruments TUSB2036 Datasheet HTML 5Page - Texas Instruments TUSB2036 Datasheet HTML 6Page - Texas Instruments TUSB2036 Datasheet HTML 7Page - Texas Instruments TUSB2036 Datasheet HTML 8Page - Texas Instruments TUSB2036 Datasheet HTML 9Page - Texas Instruments TUSB2036 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TUSB2036
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS372 – MARCH 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
VF
I/O
DESCRIPTION
PWRON1 –
PWRON3
9, 13,
17
O
Power-on/-off control signals. PWRON1 – PWRON3 are active low, push-pull outputs. Push-pull outputs
eliminate the pullup resistors which open-drain outputs require. However, the external power switches that
connect to these pins must be able to operate with 3.3-V inputs because these outputs cannot drive 5-V
signals.
RESET
4
I
Reset. RESET is an active low TTL input with hysteresis and must be asserted at power up. When RESET
is asserted, all logic is initialized. Generally, a reset with a pulse width between 100
µs and 1 ms is
recommended after 3.3-V VCC reaching its 90%. The clock signal must be active during the last 60 µs of the
reset window.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power-down operations. During
the suspend mode, SUSPND is high. SUSPND is low for normal operation.
MODE
31
I
Mode select. When MODE is low, the APLL output clock is selected as the clock source to drive the internal
core of the chip and 6-MHz crystal or oscillator can be used. When MODE is high, the clock on XTAL1/CLK48
is selected as the clock source and 48-MHz oscillator or other on-board clock source can be used.
NP3
24
I
Number of ports is 3. Active low input. A logic 0 configures the system to use 3 ports. A logic 1, configures
the system to use 2 ports.
NPINT1–0
23, 22
I
Number of ports internal to hub system, which are permanently attached (see Table 1)
VCC
3, 25
3.3-V supply voltage
XTAL1/CLK48
30
I
Crystal 1/48-MHz Clock Input. When MODE is low, XTAL1/CLK48 is a 6-MHz crystal input with 50% duty
cycle. An internal APLL generates the 48-MHz and 12-MHz clocks used internally by the ASIC logic. When
MODE is high, XTAL1/CLK48 acts as the input of the 48 MHz clock and the internal APLL logic is bypassed.
XTAL2
29
O
Crystal 2. XTAL2 is a 6-MHz crystal output. This terminal should be left open when using an oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com