Electronic Components Datasheet Search
  English  ▼

X  

TUSB2036VF Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036VF
Description  2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2036VF Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB2036VF Datasheet HTML 12Page - Texas Instruments TUSB2036VF Datasheet HTML 13Page - Texas Instruments TUSB2036VF Datasheet HTML 14Page - Texas Instruments TUSB2036VF Datasheet HTML 15Page - Texas Instruments TUSB2036VF Datasheet HTML 16Page - Texas Instruments TUSB2036VF Datasheet HTML 17Page - Texas Instruments TUSB2036VF Datasheet HTML 18Page - Texas Instruments TUSB2036VF Datasheet HTML 19Page - Texas Instruments TUSB2036VF Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TUSB2036
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS372 – MARCH 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
self-powered hub, individual port-power management (continued)
In a self-powered configuration, the TUSB2036 can be implemented for individual port-power management
when used with the TPS2044 because it is capable of supplying 500 mA of current to each downstream port
and can provide current limiting on a per port basis. When the hub detects a fault on a downstream port, power
is removed from only the port with the fault and the remaining ports continue to operate normally. Self-powered
hubs are required to implement overcurrent protection and report overcurrent conditions. The SN75240
transient suppressors reduce inrush current and voltage spikes on the data lines.
6-MHz Clock
Signal
BUSPWR
DP1
DM1
DP2
DM2
DP3
DM3
PWRON1
PWRON2
PWRON3
OVRCUR1
OVRCUR2
OVRCUR3
DP0
DM0
VCC
GND
XTAL1/CLK48
XTAL2
EXTMEM
RESET
5 V
3.3 V
GND
D +
D –
Upstream
Port
3.3 V LDO§
SN75240†
EN1
OC1
D +
D –
5 V
GND
D +
D –
5 V
D +
D –
5 V
Downstream
Ports
5-V Board Power
Supply
TUSB2036
TPS2044†
A
B
C
D
100
µF‡
SN75240†
A
B
C
D
GND
GND
100
µF‡
100
µF‡
† TPS2042 and SN75240 are Texas Instruments devices. Two TPS2042 devices can be substituted for
the TPS2044.
‡ 120
µF per hub is the minimum required per the USB specification, version 1.1. However, TI recommends a 100 µF low ESR tantalum capacitor
per port for immunity to voltage droop.
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
EN2
EN3
EN4
OC2
OC3
OC4
OUT4
OUT3
OUT2
OUT1
EEDATA/GANGED
System
Power-On Reset
IN1
0.1
µF
IN2
§ LDO is a 5 V to 3.3 V voltage regulator
15 k
Ω
15 k
Ω
15 k
Ω
15 k
Ω
1.5 k
Ω
3.3 V
15 k
Ω
15 k
Ω
3.3 V
NP3
NPINT1
NPINT0
MODE
DP0PUR
OCPROT/PWRSW
Figure 12. TUSB2036 Self-Powered Hub, Individual Port-Power Management Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com