Electronic Components Datasheet Search
  English  ▼

X  

TLC5952DAP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5952DAP
Description  24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5952DAP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC5952DAP Datasheet HTML 18Page - Texas Instruments TLC5952DAP Datasheet HTML 19Page - Texas Instruments TLC5952DAP Datasheet HTML 20Page - Texas Instruments TLC5952DAP Datasheet HTML 21Page - Texas Instruments TLC5952DAP Datasheet HTML 22Page - Texas Instruments TLC5952DAP Datasheet HTML 23Page - Texas Instruments TLC5952DAP Datasheet HTML 24Page - Texas Instruments TLC5952DAP Datasheet HTML 25Page - Texas Instruments TLC5952DAP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
STATUS INFORMATION DATA (SID)
LOD/LSDHolder(24Bits)andTEFHolder(1Bit)
LODor
LSDfor
OUTG7
LODor
LSDfor
OUTB7
LODor
LSDfor
OUTG6
Thermal
Error
Flag
¼
LODor
LSDfor
OUTR7
LODor
LSDfor
OUTB6
LODor
LSDfor
OUTR1
LODor
LSDfor
OUTG0
LODor
LSDfor
OUTG1
LODor
LSDfor
OUTB0
LODor
LSDfor
OUTR0
LODor
LSDfor
OUTB1
CommonShiftRegister(25Bits)
LSB
Bit22
Bit23
Bit19
MSB
Bit24
¼
Bit21
Bit20
Bit3
Bit1
Bit4
Bit2
Bit0
SOUT
SCK
SIN
Bit5
SIDareloadedtothe
commonshiftregister
attherisingedgeofLAT
whenthecommonshift
registerMSBis ‘0’.
LED OPEN DETECTION (LOD), LED SHORT DETECTION (LSD), AND THERMAL ERROR FLAG
TLC5952
SBVS129 – MAY 2009........................................................................................................................................................................................................ www.ti.com
The 25-bit word status information data (SID) contains the status of the LED open detection (LOD) or LED short
detection (LSD), and thermal error flag (TEF). When the MSB of the common shift register is set to '0', the SID
overwrites the common shift register data at the rising edge of LAT after the data in the common shift register are
copied to the output on/off data latch. If the common shift register MSB is '1', the SID data are not copied to the
common shift register.
After being copied into the common shift register, new SID data are not available until new data are written into
the common shift register. If new data are not written, the LAT signal is ignored. To recheck SID data without
changing the constant-current output on/off data, reprogram the common shift register with the same data that
are currently programmed into the output on/off data latch. When LAT goes high, the output on/off data do not
change, but new SID data are loaded into the common shift register. LOD, LSD, and TEF are shifted out of
SOUT with each rising edge of SCLK.
Figure 35. SID Load Assignment
(TEF)
LOD detects a fault caused by an LED open circuit or a short from OUTRn/Gn/Bn to ground by comparing the
OUTRn/Gn/Bn voltage to the LOD detection threshold voltage level set in the control data latch (Table 4). If the
OUTRn/Gn/Bn voltage is lower than the programmed voltage, that output LOD bit is set to '1' to indicate an open
LED. Otherwise, the LOD bit is set to '0'. LOD data are only valid for outputs programmed to be on. LOD data for
outputs programmed to be off are always '0'.
LSD data detects a fault caused by a shorted LED by comparing the OUTRn/Gn/Bn voltage to the LSD detection
threshold voltage level set in the control data latch (Table 4). If the OUTRn/Gn/Bn voltage is higher than the
programmed voltage, that output LOD bit is set to '1' to indicate a shorted LED. Otherwise, the LSD bit is set to
'0'. LSD data are only valid for outputs programmed to be on. LSD data for outputs programmed to be off are
always '0'.
LOD/LSD data are not valid until 1
µs after the falling edge of BLANK. Therefore, BLANK must be low for at least
1
µs before going high. At the rising edge of BLANK, the LOD/LSD detection data are latched in the LOD/LSD
holder. Changes in the LOD/LSD data while BLANK is low are directly connected to the output of the LOD/LSD
holder, but are only valid 1
µs after the change. The rising edge of LAT transfers the output data of the LOD/LSD
holder to the common shift register.
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com