Electronic Components Datasheet Search
  English  ▼

X  

WS11 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS11
Description  Position Sensor with Absolute or Incremental Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS11 Datasheet(HTML) 2 Page - ASM GmbH

  WS11 Datasheet HTML 1Page - ASM GmbH WS11 Datasheet HTML 2Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASM GmbH
KAT-WS-E-96
2
Dimensions (mm)
Range
A
B
C
D
E
F
G
H
K
M
∅N
∅P
2000 (SSI)
18
7
14
61
89
162±3
19.5
21
58.5
150
66.5
61
2000 (INC)
18
7
14
61
89
162±3
19.5
21
58.5
120
60
61
5000 (SSI)
11
7
14
121
149
222±3
23
18
55
150
66.5
87
5000 (INC)
11
7
14
121
149
222±3
23
18
55
120
60
87
78.74 (SSI)
0.71 0.28 0.55
2.4
3.5
6.38±0.12
0.77
0.83
2.3
5.9
2.62
2.4
78.74 (INC) 0.71 0.28 0.55
2.4
3.5
6.38±0.12
0.77
0.83
2.3
4.72
2.36
2.4
196.9 (SSI)
0.43 0.28 0.55 4.76
5.87
8.74±0.12
0.91
0.71
2.17
5.9
2.62
3.43
196.9 (INC) 0.43 0.28 0.55 4.76
5.87
8.74±0.12
0.91
0.71
2.17
4.72
2.36
3.43
Cable Forces
typical at 20 °C
Range
[mm
in]
Maximum Pull-out Force
[N]
Minimum Pull-in Force
[N]
2000
78.74
11.5
7.5
5000
196.9
13.3
9.8
Dimensions in brackets are inches.
For guaranteed dimensions consult factory
Mounting aid
∅18 [dia. 0.71]
removable
Dimensions (in)
WS11 Position Sensor
with Absolute or Incremental Encoder



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com