Electronic Components Datasheet Search
  English  ▼

X  

TLC59461PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC59461PWPR Datasheet HTML 16Page - Texas Instruments TLC59461PWPR Datasheet HTML 17Page - Texas Instruments TLC59461PWPR Datasheet HTML 18Page - Texas Instruments TLC59461PWPR Datasheet HTML 19Page - Texas Instruments TLC59461PWPR Datasheet HTML 20Page - Texas Instruments TLC59461PWPR Datasheet HTML 21Page - Texas Instruments TLC59461PWPR Datasheet HTML 22Page - Texas Instruments TLC59461PWPR Datasheet HTML 23Page - Texas Instruments TLC59461PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
SERIAL INTERFACE
SIN
SIN(a)
TLC59461(a)
SOUT
S
UT(b)
O
SCLK, XLAT,
BLANK,GSCLK,
MODE
SIN
TLC59461(b)
SOUT
MODE
XLAT
SIN(a)
SCLK
SOUT(b)
BLANK
GSCLK
OUT0/4/8/12
(Voltage)
OUT1/5/9/13
(Voltage)
OUT2/6/10/14
(Voltage)
OUT3/7/11/15
(Voltage)
1
1
1
1
192
384
384
DCb
MSB
DCa
LSB
DCb
MSB
GSb1
MSB
GSa1
LSB
GSb1
MSB
1
1
4096
GSa2
LSB
GSb2
MSB
SIDb2
MSB
SIDb2
MSB-1
SIDb1
MSB
SIDb1
MSB-1
SIDa1
LSB
GSb3
MSB
OFF
ON
¾
¾
¾
TLC59461
SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
The TLC59461 has a flexible serial interface that can be connected to microcontrollers or digital signal
processors in various ways. Only three pins are needed to input data into the device. More than two TLC59461s
can be connected in series by connecting an SOUT pin from one device to the SIN pin of the next device.
Cascaded two TLC59461s are shown in Figure 29 and Figure 30. The SOUT pin can also be connected to the
controller to receive status information from the TLC59461; see the SCLK and GSCLK Frequency section.
Figure 29. Cascading Two TLC59461 Devices
Figure 30. Timing Diagram of Two Cascaded TLC59461 Devices (XHALF = High)
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com