Electronic Components Datasheet Search
  English  ▼

X  

WS58C Datasheet(PDF) 1 Page - ASM GmbH

Part # WS58C
Description  Absolute Encoder Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS58C Datasheet(HTML) 1 Page - ASM GmbH

  WS58C Datasheet HTML 1Page - ASM GmbH WS58C Datasheet HTML 2Page - ASM GmbH WS58C Datasheet HTML 3Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WS58C
CONN-CONIN-12F-G

PN-E-09
ASM GmbH
www.asm-sensor.com
Very compact position sensor
Measuring range 0 ... 2500 mm
With absolute encoder output
High precision 0.05 % (optional 0.01 %)
•
•
•
Specifications
Output
See order code
Resolution for 12 bit/revolution
(409 steps/revolution)
0.04 mm
Distance/revolution 13.84 mm
Material
Aluminium und stainless steel; cable: stainless steel
Sensing device
Absolute encoder
Connection
Depending on the encoder type: connector or bus cover
Linearity
±0.05% f. s.; ±0.01% f. s. as option
Protection class (DIN EN 0529)
IP50 (IP4 as option), depending on the encoder
Weight
0. kg max., depending on the encoder
EMC, temperature
Refer to output specification
Order code WS58C
Model name
Measurement range (in mm)
2500 (smaller measurement ranges included)
Output
HSSI
= Absolute encoder with synchronous serial interface (SSI)
HPROF
= Absolute encoder with Profibus interface
HDEV
= Absolute encoder with DeviceNet interface
HCAN
= Absolute encoder with CAN interface
HCANOP
= Absolute encoder with CANopen interface
Linearity (option)
L01
= ±0.01%
Cable fixing
M4
= M4 thread
SB0
= Cable clip
Order example: WS58C - 2500 - HSSI - M4
Order code mating connector
SSI:
POSIWIRE®
WS58C
with Absolute Encoder Output


Similar Part No. - WS58C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
WS50-25-C PANDUIT-WS50-25-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
WS50-50-C PANDUIT-WS50-50-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
WS50-75-C PANDUIT-WS50-75-C Datasheet
72Kb / 1P
ELECTRICAL SOLUTIONS
logo
White Electronic Design...
WS512K16-17DLC WEDC-WS512K16-17DLC Datasheet
321Kb / 6P
512Kx16 SRAM MODULE
WS512K16-17DLCA WEDC-WS512K16-17DLCA Datasheet
321Kb / 6P
512Kx16 SRAM MODULE
More results

Similar Description - WS58C

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
ASM GmbH
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
absolute or incremental encoder output
logo
CUI INC
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
ASS58-0 PF-ASS58-0 Datasheet
351Kb / 7P
Singleturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com