Electronic Components Datasheet Search
  English  ▼

X  

LTC4060 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4060
Description  Standalone Linear NiMH/NiCd Fast Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4060 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4060 Datasheet HTML 10Page - Linear Technology LTC4060 Datasheet HTML 11Page - Linear Technology LTC4060 Datasheet HTML 12Page - Linear Technology LTC4060 Datasheet HTML 13Page - Linear Technology LTC4060 Datasheet HTML 14Page - Linear Technology LTC4060 Datasheet HTML 15Page - Linear Technology LTC4060 Datasheet HTML 16Page - Linear Technology LTC4060 Datasheet HTML 17Page - Linear Technology LTC4060 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC4060
4060f
temperature) at approximately 0°C (5°C – 5°C hysteresis
at VCC = 5V) and then resume when the thermistor falls
below 27k (rising temperature) which will be approxi-
mately 5°C (VNTC = VCLD = 0.86 • VCC typ).
Many thermistors with an RCOLD to RHOT ratio of approxi-
mately 7 will work. For lower power dissipation higher
values of thermistor resistance can be used. The Murata
NTH4G series offers resistances of up to 100k at 25°C.
It is important that the thermistor be placed in close
contact with the battery and away from the external PNP
pass transistor to avoid excessive temperature errors on
the sensed battery temperature. Furthermore, since VCC is
a high current path into the LTC4060, it is essential to
minimize voltage drops between the VCC supply pin and
the top of RHOT by Kelvin connecting RHOT directly to the
VCC pin.
Power Requirements
The DC power input to the VCC pin must always be within
proper limits while charging a battery. Voltages beyond
the absolute maximum ratings may damage the charger
and voltages falling below the UVLO entry thresholds, as
programmed by the SEL0 and SEL1 pins, will likely cause
the charger to enter the shutdown state (when the UVLO
exit threshold is exceeded charging will begin anew). While
the LTC4060 is designed to reject 60Hz or 120Hz supply
ripple, certain precautions are required. The instantaneous
ripple voltage must always be within the above mentioned
limits. Ripple voltage seen across the collector-base junc-
tion of the external PNP pass transistor will slightly modu-
late its beta and hence its base current. Since the emitter
current is precisely regulated by the LTC4060, any modu-
lation of base current will appear at the collector. This
slightly modulated battery charge current into a battery
will usually produce an insignificant modulation voltage at
the battery. However, if excessive wire impedance to the
battery from the PNP exists, then it may be helpful to Kelvin
connect the BAT pin to a convenient point closest to the
battery to reduce ripple magnitude entering the LTC4060’s
battery monitoring circuits. The battery ground imped-
ance should also be managed to limit ripple voltage at the
BAT pin. Excessive ripple into the BAT pin may cause the
charger to deviate from specified performance.
APPLICATIO S I FOR ATIO
VCC Bypass Capacitor
A 1µF capacitor located close to the LTC4060 will usually
provide adequate input bypassing. However, caution must
be exercised when using multilayer ceramic capacitors.
Because of the self-resonance and high Q characteristics
of some types of ceramic capacitors, along with wiring
inductance, high voltage transients can be generated
under some conditions such as connecting or disconnect-
ing a supply input to a hot power source. To reduce the Q
and prevent these transients from exceeding the absolute
maximum voltage rating, consider adding about 1Ω of
resistance in series with the ceramic input capacitor.
BAT Bypass Capacitor
This optional capacitor, connected between BAT and GND,
can be used to help filter excessive contact bounce during
the battery monitoring or charging process. The value will
depend upon the contact bounce open duration, but is typi-
cally 10µF. Another purpose of this capacitor is to bypass
transient battery load events that might otherwise disrupt
monitoring or charging. Should the battery connections not
be subject to excessive contact bounce or excessive bat-
tery voltage transients, then no BAT pin capacitor is re-
quired. The same caution mentioned above for the VCC by-
pass capacitor applies.
External PNP Transistor
The external PNP pass transistor must have adequate beta
and breakdown voltages, low saturation voltage and suf-
ficient power dissipation capability that may include heat
sinking.
To provide 2A of charge current with the minimum avail-
able base current drive of 40mA (IDRV min) requires a
minimum PNP beta of 50.
The transistor’s collector to emitter breakdown voltage
must be high enough to withstand the difference between
the maximum supply voltage and minimum battery volt-
age. Almost any transistor will meet this requirement.
Additionally, when no power is supplied to the charger
(VIN= 0V and VSENSE= 0V), the transistor’s emitter to base
breakdown voltage must be high enough to prevent a
leakage path at the maximum battery voltage while not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com