Electronic Components Datasheet Search
  English  ▼

X  

LTC4065L Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4065L
Description  Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065L Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4065L Datasheet HTML 8Page - Linear Technology LTC4065L Datasheet HTML 9Page - Linear Technology LTC4065L Datasheet HTML 10Page - Linear Technology LTC4065L Datasheet HTML 11Page - Linear Technology LTC4065L Datasheet HTML 12Page - Linear Technology LTC4065L Datasheet HTML 13Page - Linear Technology LTC4065L Datasheet HTML 14Page - Linear Technology LTC4065L Datasheet HTML 15Page - Linear Technology LTC4065L Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC4065L/LTC4065LX
4065lxfa
Example: Consider an LTC4065L operating from a 5.5V
wall adapter providing 250mA to a 3V Li-Ion battery. The
ambient temperature above which the LTC4065L will
begin to reduce the 250mA charge current is approxi-
mately:
TA = 115°C – (5.5V – 3V) • (250mA) • 60°C/W
TA = 115°C – 0.625W • 60°C/W = 115°C – 37.5°C
TA = 77.5°C
Charging at such high ambient temperatures is not recom-
mended by battery manufacturers.
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.
It is important to remember that LTC4065L applications
do not need to be designed for worst-case thermal condi-
tions since the IC will automatically reduce power dissipa-
tion when the junction temperature reaches approximately
115
°C.
Board Layout Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4065L package is soldered to the PC
board ground. Correctly soldered to a 2500mm2 double-
sided 1 oz. copper board the LTC4065L has a thermal
resistance of approximately 60
°C/W. Failure to make
thermal contact between the Exposed Pad on the backside
of the package and the copper board will result in thermal
resistances far greater than 60
°C/W.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-
layer ceramic capacitors. Because of the self-resonant and
high Q characteristics of some types of ceramic capaci-
tors, high voltage transients can be generated under some
start-up conditions, such as connecting the charger input
to a live power source. For more information, refer to
Application Note 88.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com