Electronic Components Datasheet Search
  English  ▼

X  

TVP3030 Datasheet(PDF) 21 Page - Texas Instruments

Part # TVP3030
Description  Video Interface Palette
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3030 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP3030 Datasheet HTML 17Page - Texas Instruments TVP3030 Datasheet HTML 18Page - Texas Instruments TVP3030 Datasheet HTML 19Page - Texas Instruments TVP3030 Datasheet HTML 20Page - Texas Instruments TVP3030 Datasheet HTML 21Page - Texas Instruments TVP3030 Datasheet HTML 22Page - Texas Instruments TVP3030 Datasheet HTML 23Page - Texas Instruments TVP3030 Datasheet HTML 24Page - Texas Instruments TVP3030 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
2–5
if the VGA port is used. This selects latching of VGA(7 – 0) and VGABL with CLK0. If CSR(2 – 0) = 000, CLK0
is also selected as the clock source to generate the internal dot clock. However, in this mode, MCR6 must
be logic 1 if the VGA port is used. This selects latching of VGA(7 – 0) and SYSBL with LCLK.
Additionally, two crystal oscillator terminals (XTAL1, XTAL2) are provided for the integrated pixel clock and
memory clock frequency synthesis PLLs. These terminals are intended for use with a quartz crystal
resonator, but a discrete oscillator can also be utilized and input on the XTAL2 terminal (XTAL1 terminal
should be left floating in this case).
Selection of the pixel clock PLL as the pixel clock source is performed by programming the clock selection
register.
Table 2–5. Clock-Selection Register Bits CSR(3 – 0) (Index: 0x1A, Access: R/W, Default: 0x07)
CLOCK SELECT
REGISTER BITS
FUNCTION
3
2
1
0
FUNCTION
0
0
0
0
Select CLK0 as clock source (for use with LCLK latching of VGA port). See
Section 2.8.2.
0
0
0
1
Reserved
0
0
1
0
Reserved
0
0
1
1
Reserved
0
1
0
0
Reserved
0
1
0
1
Select pixel clock PLL as clock source
0
1
1
0
Disable internal dot clock for reduced power consumption
0
1
1
1
Select CLK0 as clock source (for use with CLK0 latching of VGA port). See
Section 2.8.2.
1
X
X
X
Reserved
2.5
PLL Clock Generators
In addition to externally supplied clock sources, the TVP3030 has three on-chip, fully programmable,
frequency-synthesis phase-locked loops (PLLs). The first (pixel clock) PLL is intended for pixel clock
generation for frequencies up to the device limit. The second (MCLK) PLL is provided for general clocking
such as the system clock or memory clock, and the third PLL (called the loop clock PLL) is provided for
synchronizing pixel data and latch timing by compensating for system loop delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com