Electronic Components Datasheet Search
  English  ▼

X  

TPS61240DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61240DRVT
Description  3.5-MHz High Efficiency Step-Up Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61240DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61240DRVT Datasheet HTML 9Page - Texas Instruments TPS61240DRVT Datasheet HTML 10Page - Texas Instruments TPS61240DRVT Datasheet HTML 11Page - Texas Instruments TPS61240DRVT Datasheet HTML 12Page - Texas Instruments TPS61240DRVT Datasheet HTML 13Page - Texas Instruments TPS61240DRVT Datasheet HTML 14Page - Texas Instruments TPS61240DRVT Datasheet HTML 15Page - Texas Instruments TPS61240DRVT Datasheet HTML 16Page - Texas Instruments TPS61240DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
APPLICATION INFORMATION
1
H
m
V
IN
C
IN
2.2
F
m
C
OUT
4.7
F
m
V
5V
OUT
L
V
IN
EN
V
OUT
FB
GND
TPS61240
1
H
m
V
IN
C
IN
2.2
F
m
C
OUT
4.7
F
m
V
5V
OUT
L
V
IN
EN
V
OUT
FB
GND
TPS61240
TPS61240, TPS61241
www.ti.com .............................................................................................................................................................. SLVS806A – APRIL 2009 – REVISED MAY 2009
Figure 18. TPS61240 Fixed 5.0V for HDMI / USB-OTG Applications
Figure 19. TPS61240 Fixed 5.0V With Schottky Diode for Output Overvoltage Protection
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS61240, TPS61241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com