Electronic Components Datasheet Search
  English  ▼

X  

TVP3409 Datasheet(PDF) 21 Page - Texas Instruments

Part # TVP3409
Description  Video Interface Palette True-Color CMOS RAMDAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3409 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP3409 Datasheet HTML 17Page - Texas Instruments TVP3409 Datasheet HTML 18Page - Texas Instruments TVP3409 Datasheet HTML 19Page - Texas Instruments TVP3409 Datasheet HTML 20Page - Texas Instruments TVP3409 Datasheet HTML 21Page - Texas Instruments TVP3409 Datasheet HTML 22Page - Texas Instruments TVP3409 Datasheet HTML 23Page - Texas Instruments TVP3409 Datasheet HTML 24Page - Texas Instruments TVP3409 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
2–9
2.2.10
Clock Synthesizer Register Sets
The clock synthesizer register sets determine the frequencies of clock synthesizer A (PLLA, OTCLKA) and
clock synthesizer B (PLLB, OTCLKB) for a given reference frequency. There are four sets for OTCLKA and
four sets for OTCLKB. A set of registers is chosen by toggling either the FS(1,0) terminals or the CC(5,4)
or CC(1,0) bits.
Each register set consists of four registers. The four registers have information affecting seven functions
of the clock synthesizer. The feedback divider term (M) together with the reference divider term (N) and
postscaler term (P) determine the frequency according to equation 1 in Section 2.6.4.1, Determining Output
Frequency. The M term is 8 bits, the N term is 6 bits, and the P term is 2 bits.
Table 2–12 and Table 2–14 show the fields associated with each term. The third and fourth registers are
reserved and can be read which returns the values written, but does not affect the function of the device.
The clock synthesizer A register sets are operational on power up. They can be read from or written to by
the MPU at any time and they are not initialized. All of the registers are reset to produce the frequencies in
Table 2–19 upon asserting RESET. To read from or write to these registers, set bit CR0(0) = 1, write
0x40 – 0x4F to the WMA, and set RS(1,0) = HL. These registers cannot be accessed by state machine
addressing (see Table 2–5 and Table 2–19).
Table 2–11. Clock Synthesizer A Parameters
REGISTER
CONTROL SET
ACCESS
REGISTER
NUMBER
DESCRIPTION
DEFAULT
FREQUENCY
Reserved
A
0
Reserved
CC(5,4) = 00 or
None
1
25.057 MHz
Reserved
CC(5,4) = 00 or
FS(1,0) = LL
1
Reserved
B
0
Reserved
CC(5,4) = 01 or
None
1
28.189 MHz
Reserved
CC(5,4) = 01 or
FS(1,0) = LH
1
AC0(7–0)
C
Rd
0
Feedback divider term (M)
AC1(7,6)
CC(5,4) = 10 or
Read or
Write
1
Postscaler divider term (P)
50.114 MHz
AC1(5–0)
CC(5,4) = 10 or
FS(1,0) = HL
Write
1
Reference divider term (N)
AD0(7–0)
D
Rd
0
Feedback divider term (M)
AD1(7,6)
CC(5,4) = 11 or
Read or
Write
1
Postscaler divider term (P)
75.170 MHz
AD1(5–0)
CC(5,4) = 11 or
FS(1,0) = HH
Write
1
Reference divider term (N)
Table 2–12. Clock Synthesizer A Register Set Fields
CLOCK REGISTER 0, BITS AND FIELDS
CLOCK REGISTER 1, BITS AND FIELDS
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
M(7–0)†
P(1,0)‡
N(5–0)§
CLOCK REGISTER 2, BITS AND FIELDS
CLOCK REGISTER 3, BITS AND FIELDS
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Reserved
Reserved
† M(7–0), 8 bits, integer from 0 to 255 (2 is added to this value)
‡ P(1,0), 2 bits, integer from 0 to 3 (these bits indicate the power of 2. See equation 1 in Section 2.5.4.1, Determining
Output Frequency)
§ N(5–0), 6 bits, integer from 0 to 63 (2 is added to this value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com