Electronic Components Datasheet Search
  English  ▼

X  

TPS65070RSLR Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLR
Description  Single Chip Power Solution for Navigation Systems
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65070RSLR Datasheet(HTML) 81 Page - Texas Instruments

Back Button TPS65070RSLR Datasheet HTML 77Page - Texas Instruments TPS65070RSLR Datasheet HTML 78Page - Texas Instruments TPS65070RSLR Datasheet HTML 79Page - Texas Instruments TPS65070RSLR Datasheet HTML 80Page - Texas Instruments TPS65070RSLR Datasheet HTML 81Page - Texas Instruments TPS65070RSLR Datasheet HTML 82Page - Texas Instruments TPS65070RSLR Datasheet HTML 83Page - Texas Instruments TPS65070RSLR Datasheet HTML 84Page - Texas Instruments TPS65070RSLR Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
10 F
m
VDCDC2
2.2 H
m
L2
VDD_MPU_IVA (1.2V)
10 F
m
VDCDC3
2.2 H
m
L3
VDDCORE(1.2V)
SYS
BAT
2x10 F
m
VINDCDC1/2
TS
NTC
AC
USB
ISET
2.2 F
m
1 F
m
1 F
m
LiIon
PB_IN
DEFDCDC2
DEFDCDC3
VDDA_DAC(1.8V)
LDO2
2.2 F
m
SYS
PB_OUT
EN_DCDC2
EN_DCDC3
SYS.nRESPWRON
PGOOD
SCLK
SCLK
SDAT
SDAT
VIO
POWER_ON
GPIO(/disablepower)
LDO1
set
charge
current
DCDC2
600mA
DCDC3
1500mA
VINLDO1/2
SYS
1uF
LDO1
200mA
LDO2
200mA
BAT
OMAP35xx
BYPASS
AD_IN1(TSX1)
AD_IN2(TSX2)
AD_IN3(TSY1)
AD_IN4(TSY2)
/INT
/INT
wLED
boost
SYS
L4
1 F
m
charger/powerpath
ISINK1
ISINK2
ISET1
ISET2
ON/
OFF
FB_wLED
VDCDC1
2.2 H
m
L1
DCDC1
600mA
10 F
m
VINDCDC3
EN_DCDC1
+
-
delay
THRESHOLD
/Reset
VDDDLL
VDDS_DPLL_DLL (1.8V)
TPS650731
AVDD6
INT_LDO
VDDS_WKUP_BG(1.8V)
VDDS_MEM;VDDS
VDDS_DPLL_PER(1.8V)
VDDS_SRAM
TPS65070, TPS65072, TPS65073
TPS650731, TPS650732
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
Figure 57. TPS650731 for OMAP35xx
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
81
Product Folder Link(s): TPS65070 TPS65073 TPS650731, TPS650732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com