Electronic Components Datasheet Search
  English  ▼

X  

TVP5020 Datasheet(PDF) 21 Page - Texas Instruments

Part # TVP5020
Description  NTSC/PAL VIDEO DECODER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TVP5020 Datasheet HTML 17Page - Texas Instruments TVP5020 Datasheet HTML 18Page - Texas Instruments TVP5020 Datasheet HTML 19Page - Texas Instruments TVP5020 Datasheet HTML 20Page - Texas Instruments TVP5020 Datasheet HTML 21Page - Texas Instruments TVP5020 Datasheet HTML 22Page - Texas Instruments TVP5020 Datasheet HTML 23Page - Texas Instruments TVP5020 Datasheet HTML 24Page - Texas Instruments TVP5020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
2–7
TVP5020
XTAL1
XTAL2
35
36
TVP5020
XTAL1
XTAL2
35
36
26.8 MHz or
24.576 MHz
Crystal
26.8 MHz or
24.576 MHz
TTL Clock
Figure 2–11. Reference Clock Configurations
The TVP5020 generates three signals PCLK, SCLK, and PREF used for clocking data. PCLK is the pixel
clock at the sampling frequency. PCLK can be used for clocking data in the 16-bit 4:2:2 and the 12-bit 4:1:1
output formats. SCLK is at twice the sampling frequency and may be used for clocking data in the 8-bit 4:2:2
and ITU-R BT.656 formats. PREF is used as a clock qualifier with SCLK to clock data in the 16-bit 4:2:2 and
the 12-bit 4:1:1 formats
2.3
Video Output Format
The TVP5020 supports both square-pixel and ITU-R BT.601 sampling formats and multiple output formats:
•
16-bit 4:2:2
•
12-bit 4:1:1
•
8-bit 4:2:2
•
ITU-R BT.656
2.3.1
Sampling Frequencies and Patterns
The sampling frequencies that control the number of pixels per line differ depending on the video format and
standards. Table 2–1 shows a summary of the sampling frequencies.
Table 2–1. Summary of the Line Frequencies, Data Rates, and Pixel Counts
STANDARDS
HORIZONTAL
LINE RATE
(kHz)
PIXELS
PER LINE
ACTIVE PIXELS
PER LINE
PCLK (MHz)
SCLK (MHz)
NTSC, square-pixel
15.73426
780
640
12.2727
24.54
NTSC, ITU-R BT.601
15.73426
858
720
13.5
27.0
PAL (B,D,G,H,I), square-pixel
15.625
944
768
14.75
29.5
PAL (B,D,G,H,I), ITU-R BT.601
15.625
864
720
13.5
27.0
PAL(M), square-pixel
15.73426
780
640
12.2727
24.54
PAL(M), ITU-R BT.601
15.73426
858
720
13.5
27.0
PAL(N), square-pixel
15.625
944
768
14.75
29.5
PAL(N), ITU-R BT.601
15.625
864
720
13.5
27.0
Depending on the output format chosen, The TVP5020 outputs data in the 4:2:2 or 4:1:1 sampling pattern.
The patterns differ in the number of chrominance samples derived from the original samples. For the 4:2:2
pattern, every second sample is both a luminance and a chrominance sample; the remainder are
luminance-only samples. For the 4:1:1 pattern, every fourth sample is both a luminance and a chrominance
sample; the remainder are luminance-only samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com