Electronic Components Datasheet Search
  English  ▼

X  

TWL1109 Datasheet(PDF) 21 Page - Texas Instruments

Part # TWL1109
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1109 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TWL1109 Datasheet HTML 17Page - Texas Instruments TWL1109 Datasheet HTML 18Page - Texas Instruments TWL1109 Datasheet HTML 19Page - Texas Instruments TWL1109 Datasheet HTML 20Page - Texas Instruments TWL1109 Datasheet HTML 21Page - Texas Instruments TWL1109 Datasheet HTML 22Page - Texas Instruments TWL1109 Datasheet HTML 23Page - Texas Instruments TWL1109 Datasheet HTML 24Page - Texas Instruments TWL1109 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TWL1109
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLWS095 – MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
DTMF generator operation and interface (continued)
Tones from the DTMF generator block are present at all outputs and are controlled by enabling or disabling the
individual output ports. The values that determine the tone frequency are loaded into the tone registers (high
and low) as two separate values.
The values loaded into the tone registers initiate an iterative table look-up function, placing a 6-bit or 7-bit in 2s
complement value into the the tone registers. There is a 2 dB difference in the resulting output of the two
registers, the high tone register having the greater result.
buzzer logic section
The single-ended output BUZZCON is a PDM signal intended to drive a buzzer through an external driver
transistor. The PDM begins as a selected DTMF tones, generated and passed through the receive D/A channel,
and fed back to the transmit channel analog modulator, where a PDM signal is generated and routed to the
BUZZCON output.
support section
The clock generator and control circuit use the master clock input (MCLK) to generate internal clocks to drive
internal counters, filters, and convertors. Register control data is written into and read back from the VBAP
registers via the control interface.
I2C– bus protocols
The VBAP serial interface is designed to be I2C-bus compatible and operates in the slave mode. This interface
consists of the following terminals:
SCL:
I2C-bus serial clock – This input synchronizes the control data transfer from and to the codec.
SDA:
I2C-bus serial address/data input/output – This is a bidirectional terminal that transfers register
control addresses and data into and out of the codec. It is an open drain terminal and therefore
requires a pullup resistor to VCC (typical 10 kΩ for 100 kHz).
TWL1109 has a fixed device select address of {E2}HEX for write mode and {E3}HEX for read mode.
For normal data transfer, SDA is allowed to change only when SCL is low. Changes when SCL is high are
reserved for indicating the start and stop conditions.
Data transfer may be initiated only when the bus is not busy. During data transfer, the data line must remain
stable whenever the clock line is at high. Changes in the data line while the clock line is at high are interpreted
as a start or stop condition.
Table 8. I2C-Bus Conditions
CONDITION
STATUS
DESCRIPTION
A
Bus not busy
Both data and clock lines remain at high
B
Start data transfer
A high to low transition of the SDA line while the clock (SCL) is high determines a start condition.
All commands must proceed from a start condition.
C
Stop data transfer
A low to high transition of the SDA line while the clock (SCL) is high determines a stop condition.
All operations must end with a stop condition.
D
Data valid
The state of the data line represents valid data when, after a start condition, the data line is stable
for the duration of the high period of the clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com