Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3D Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3D
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3D Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSB41BA3D Datasheet HTML 26Page - Texas Instruments TSB41BA3D Datasheet HTML 27Page - Texas Instruments TSB41BA3D Datasheet HTML 28Page - Texas Instruments TSB41BA3D Datasheet HTML 29Page - Texas Instruments TSB41BA3D Datasheet HTML 30Page - Texas Instruments TSB41BA3D Datasheet HTML 31Page - Texas Instruments TSB41BA3D Datasheet HTML 32Page - Texas Instruments TSB41BA3D Datasheet HTML 33Page - Texas Instruments TSB41BA3D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
X1
49.152 MHz
IS
X1
CPHY + CBD
X0
C10
C9
C9
C10
X1
Bus Reset
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Figure 10. Load Capacitance for the TSB41BA3D PHY
NOTE:
The layout of the crystal portion of the PHY circuit is important for obtaining the
correct frequency, minimizing noise introduced into the PHY's phase-locked loop, and
minimizing any emissions from the circuit. The crystal and two load capacitors must
be considered as a unit during layout. The crystal and load capacitors must be placed
as close as possible to one another while minimizing the loop area created by the
combination of the three components. Varying the size of the capacitors can help in
this. Minimizing the loop area minimizes the effect of the resonant current (IS) that
flows in this resonant circuit. This layout unit (crystal and load capacitors) must then
be placed as close as possible to the PHY XI and XO terminals to minimize trace
lengths.
Figure 11. Recommended Crystal and Capacitor Layout
It is strongly recommended that part of the verification process for the design be to measure the frequency of the
PCLK output of the PHY. This should be done using a frequency counter with an accuracy of six digits or better.
If the PCLK frequency is more than the crystal's tolerance from 49.152 MHz or 98.304 MHz, then the load
capacitance of the crystal can be varied to improve frequency accuracy. If the frequency is too high, add more
load capacitance; if the frequency is too low, decrease the load capacitance. Typically, changes must be done to
both load capacitors (C9 and C10 in Figure 11) at the same time, and both must be of the same value. Additional
design details and requirements can be provided by the crystal vendor.
It is recommended, that whenever the user has a choice, the user should initiate a bus reset by writing to the
initiate-short-bus-reset (ISBR) bit (bit 1, PHY register 0101b). Care must be taken to not change the value of any
of the other writeable bits in this register when the ISBR bit is written to.
In the TSB41BA3D, the initiate-bus-reset (IBR) bit can be set to 1 in order to initiate a bus reset and initialization
sequence; however, it is recommended to use the ISBR bit instead. The IBR bit is located in PHY register 1
along with the root-holdoff bit (RHB) and gap-count register. As required by the 1394b Supplement, this
configuration maintains compatibility with older Texas Instruments PHY designs which were based on either the
suggested register set defined in Annex J of IEEE Std 1394-1995 or the 1394a-2000 Supplement. Therefore,
whenever the IBR bit is written, the RHB and gap-count register are also necessarily written.
30
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com