Electronic Components Datasheet Search
  English  ▼

X  

CX6VSCSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX6VSCSM2
Description  18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX6VSCSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX6VSCSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX6VSCSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10132 - Rev B
DESCRIPTION
The CX6VSM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates and intended to be used in Pierce oscillators.They
are hermetically sealed in a rugged, miniature ceramic
package. They are manufactured using the STATEK-
developed photolithographic process, and are designed
utilizing the experience acquired by producing millions of
crystals for industrial, commercial, military and medical
applications. Maximum process temperature should not
exceed 260
OC.
FEATURES
Miniature tuning fork design
Ultra-low profile (1mm)
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX6VSM CRYSTAL
18 kHz to 600 kHz
Ultra-Low Profile (1mm) Miniature Surface Mount
Quartz Crystal for Pierce Oscillators
™
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.265
6.73
0.280
7.11
B
0.103
2.62
0.114
2.90
C
-
-
see below
D
0.050
1.27
0.060
1.52
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.039
0.99
0.053
1.35
SM2
0.041
1.04
0.055
1.40
SM3
0.044
1.12
0.058
1.47
0.070 (1.78)
0.215 (5.46)
0.120 (3.05)
inches (mm)
A
B
D
D
TOP
BOTTOM
C
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX6
OSC
Freq (f )
O
R
f
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
CX-6
actual size
side view
Glass Lid Shown


Similar Part No. - CX6VSCSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
EUROQUARTZ limited
CX6VSM EUROQUARTZ-CX6VSM Datasheet
295Kb / 2P
Frequency Range 18kHz to 600kHz
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
128Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM1 STATEK-CX6VSM1 Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM2 STATEK-CX6VSM2 Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Similar Description - CX6VSCSM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3HSM RSG-CX3HSM Datasheet
473Kb / 2P
18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com