Electronic Components Datasheet Search
  English  ▼

X  

BD776 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD776
Description  Plastic Darlington Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD776 Datasheet(HTML) 2 Page - Motorola, Inc

  BD776 Datasheet HTML 1Page - Motorola, Inc BD776 Datasheet HTML 2Page - Motorola, Inc BD776 Datasheet HTML 3Page - Motorola, Inc BD776 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD777 BD776 BD778 BD780
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
BD776
(IO = 10 mAdc, IB = 0)
BD777, BD778
BD780
VCEO(sus)
45
60
80
—
—
—
Vdc
Collector Cutoff Current
(VCE = 20 Vdc, IB = 0)
BD776
(VCE = 30 Vdc, IB = 0)
BD777, BD778
(VCE = 40 Vdc, IB = 0)
BD780
ICEO
—
—
—
100
100
100
µAdc
Collector Cutoff Current
(VCB = Rated, VCEO(sus), IE = 0)
(VCB = Rated, VCEO(sus), IE = 0, IC = 100°C)
ICBO
—
—
1.0
100
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
1.0
µAdc
ON CHARACTERISTICS
DC Current Gain (IC = 2.0 Adc, VCE = 3.0 Vdc)
HFE
750
—
Collector–Emitter Saturation Voltage (IC = 1.5 Adc, IB = 6 mAdc)
VCE(Sat)
—
1.5
Vdc
Base Emitter Saturation Voltage (IC = 1.5 Adc, IB = 6 mAdc)
VBE(Sat)
—
2.5
Vdc
Base–Emitter On Voltage (IC = 1.5 Adc,VCE = 3 Vdc)
VBE(On)
—
2.3
Vdc
Output Diode Voltage Drop (IEC = 2.0 Adc)
VEC
—
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth Product (IC = 1.0 Adc, VCE = 2.0 Vdc)
fT
20
—
MHz
Symbol
Min
Typ
Unit
Turn–On Time (IC = 250 mA/VCE = 2 V)
BD775–777
BD776–778–780
ton
—
—
250
150
ns
Turn–Off Time (IC = 250 mA, VCE = 2 V)
BD775–777
BD776–778–780
toff
—
—
600
400
ns
Figure 2. Active Region Safe Operating Area
10
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
2.0
0.5
0.01
2.0
5.0
10
50
100
0.05
0.02
BD775, 776
BD777, 778
BD780
20
CURVES APPLY BELOW RATED VCEO
TJ = 150°C
dc
5.0 ms
1.0 ms
500
µs
100
µs
3000
Figure 3. Typical DC Current Gain
IC, COLLECTOR CURRENT (AMP)
100
0.2
0.3
0.5
0.7
1.0
2.0
5.0
1500
700
400
200
2000
1000
TJ = 25°C
VCE = 2.0 Vdc
1.0
0.1
30
70
500
300
BD776, 778, 780
777
4.0
3.0
3.0
7.0
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECONDARY BREAKDOWN LIMITED
Figure 4. Darlington Circuit Schematic
BASE
PNP
BD776
BD778
BD780
COLLECTOR
EMITTER
[ 150
BASE
NPN
BD777
BD779
COLLECTOR
EMITTER
[ 150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com