Electronic Components Datasheet Search
  English  ▼

X  

2SC3694 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC3694
Description  Silicon NPN Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC3694 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC3694 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC3694
Silicon NPN Transistors
Features
B C E
﹒With TO-220Fa package
﹒High speed ,power switching applications
Absolute Maximum Ratings Tc=25℃
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
100
V
VCEO
Collector to emitter voltage
60
V
VEBO
Emitter to base voltage
5
V
IC
Collector current
15
A
PC
Collector power dissipation
30
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
TO-220Fa
Electrical Characteristics Tc=25℃
SYMBOL
PARAMETER
CONDITIONS
MIN
Typ.
MAX
UNIT
ICBO
Collector cut-off current
VCB=60V; IE=0
10
uA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
uA
ICEO
Collector cut-off current
VCBO
Collector-base breakdown voltage
VCEO(SUS)
Collector-emitter Sustaining voltage
IC=30mA; IB=0
60
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=12A; IB=0.6A
0.5
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=3A; VCE=2V
100
400
hFE-2
Forward current transfer ratio
VBE(sat)1
Base-emitter saturation voltages
IC=12A; IB=0.6A
1.5
V
VBE(sat)2
Base-emitter saturation voltages
fT
Transition frepuency
IC=1A; VCE=10V
120
MHz
Cob
Collector Out put Capacitance
IC=0, VCB=10V f=1MHz
180
pF
JMnic


Similar Part No. - 2SC3694

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC3694 SAVANTIC-2SC3694 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3694 ISC-2SC3694 Datasheet
175Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3694 SAVANTIC-2SC3694 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3694 JMNIC-2SC3694_15 Datasheet
33Kb / 1P
Silicon NPN Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
More results

Similar Description - 2SC3694

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com