Electronic Components Datasheet Search
  English  ▼

X  

UC3702 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC3702
Description  Quad PWM Relay Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3702 Datasheet(HTML) 2 Page - Texas Instruments

  UC3702 Datasheet HTML 1Page - Texas Instruments UC3702 Datasheet HTML 2Page - Texas Instruments UC3702 Datasheet HTML 3Page - Texas Instruments UC3702 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UC1702
UC2702
UC3702
ABSOLUTE MAXIMUM RATINGS
VBUS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +50V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . –0.3V to VCC + 0.3V
Average Current per Relay . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Total Output Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . 25pF
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UC1702; –25°C to +85°C for UC2702; 0°C to +70°C for UC3702; VBUS = 34V, VCC = 5V, RESET = VCC, R2 = 43.2k ;
R1 = 203k ; CT = 220pF, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Section
VCC
4.5
5
8
V
VCC Supply Current
RESET, INA, INB, INC, IND = VCC
4
6
mA
VBUS
42.5
V
Oscillator Section
NOMINAL Operating Frequency
R1 = 203k , R2 = 43.2k , CT = 220pF
150
175
200
kHz
R1
100
202
500
k
R2
20
42.5
80
k
CT
100
pF
Output Driver VBUS = 20V
Rated Relay Current
50
mA
Short Circuit Current
100
175
mA
Diode Leakage Current
Control Input Low, VOUTX = VBUS
0.05
5
A
Diode Forward Voltage
500
mV
Averaged Output Voltage Error
UC2702, UC3702 (Note 1)
–10
10
%
UC1702
–20
20
%
Control Inputs (INA, INB, INC, IND)
Logic Low
0.5
V
Logic High
3
VCC
V
TON / TOFF Delay
250
ns
Input Current
–1
0
1
A
Input Current
VIN = 5V
70
120
A
RESET
TON / TOFF Delay
2
s
Input Current
VIN = 0.3V
–8
–5
A
Input Current
VIN = 5V
–10
0
10
A
Note 1: Programmed Average Voltage
=
••
•
106
1
22
400
.
–
RVCC
R
mV
CONNECTION DIAGRAM
DIL-16, SOIC-16 (Top View)
J or N, D Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com