Electronic Components Datasheet Search
  English  ▼

X  

UC1707 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC1707
Description  Dual Channel Power Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1707 Datasheet(HTML) 2 Page - Texas Instruments

  UC1707 Datasheet HTML 1Page - Texas Instruments UC1707 Datasheet HTML 2Page - Texas Instruments UC1707 Datasheet HTML 3Page - Texas Instruments UC1707 Datasheet HTML 4Page - Texas Instruments UC1707 Datasheet HTML 5Page - Texas Instruments UC1707 Datasheet HTML 6Page - Texas Instruments UC1707 Datasheet HTML 7Page - Texas Instruments UC1707 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UC1707
UC2707
UC3707
Supply Voltage, VIN, N/J-Pkg . . . . . . . . . . . . . . . . . . . . . . . 40V
Collector Supply Voltage, VC, N/J-Pkg . . . . . . . . . . . . . . . 40V
Output Current (Each Output, Source or Sink) Steady-State,
N/J-Pkg. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±500mA
Peak Transient
N-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5A
J-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.0A
Capacitive Discharge Energy
N-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mJ
J-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mJ
Digital Inputs (See Note), N/J-Pkg . . . . . . . . . . . . . . . . . . . 5.5V
Analog Stop Inputs, N/J-Pkg . . . . . . . . . . . . . . . . . . . . . . . . VIN
Power Dissipation at TA = 25°C (See Note)
N-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W
J-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Power Dissipation at T (Leads/Case) = 25°C (See Note)
N-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5W
J-Pkg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W
Operating Temperature Range . . . . . . . . . . . . –55°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
ABSOLUTE MAXIMUM RATINGS
Note: All voltages are with respect to the four ground pins
which must be connected together. All currents are positive
into, negative out of the specified terminal. Digital Drive can ex-
ceed 5.5V if input current is limited to 10mA. Consult Pack-
aging
section
of
Databook
for
thermal
limitations
and
considerations of package.
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (TOP VIEW)
J or N Package,
3
18
17
16
N/C
1
220 19
15
14
4
5
6
7
8
911
10
12 13
INPUT B INV.
INPUT B I.N.
INPUT A INV.
INPUT A NON INV.
VIN
GROUND
N/C
GROUND
OUTPUT B
LATCH DISABLE
GROUND
N/C
GROUND
OUTPUT A
ANALOG STOP INV.
ANALOG STOP NON INV.
N/C
SHUTDOWN
VC
PLCC-20, LCC-20 (TOP VIEW)
Q, L Packages
Note: All four ground pins must be connected to a common
ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com