Electronic Components Datasheet Search
  English  ▼

X  

2SC4336 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC4336
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC4336 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC4336 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC4336 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC4336 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC4336
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=5.0A , IB=0.6A;L=1mH
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=6A ;IB=0.3A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A ;IB=0.4A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=6A ;IB=0.3A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=8A ;IB=0.4A
1.5
V
ICBO
Collector cut-off current
VCB=100V; IE=0
10
μA
ICEX
Collector cut-off current
VCE=100V; VBE(off)=-1.5V
Ta=125℃
10
1.0
μA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μA
hFE-1
DC current gain
IC=1A ; VCE=2V
100
hFE-2
DC current gain
IC=2A ; VCE=2V
100
400
hFE-3
DC current gain
IC=6A ; VCE=2V
60
COB
Collector capacitance
IE=0; VCB=10V; f=1MHz
120
pF
fT
Transition frequency
IC=0.5A; VCE=10V
150
MHz
Switching times
ton
Turn-on time
0.3
μs
ts
Storage time
1.5
μs
tf
Fall time
IC=6A ;IB1=-IB2=0.3A
VCC≈50V;RL=8.3Ω
0.3
μs
hFE-2 Classifications
M
L
N
100-200
150-300
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com