Electronic Components Datasheet Search
  English  ▼

X  

LPW-351202F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # LPW-351202F
Description  Extremely Low Resistance Power Wirewounds
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LPW-351202F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  LPW-351202F Datasheet HTML 1Page - IRC - a TT electronics Company. LPW-351202F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Extremely Low Resistance
Power Wirewounds
Electrical Data
LPW Series
• 3 watts to 15 watts
• 0.005 ohm to 0.15 ohm
• ±1%, ±2, ±3, ±5, ±10% tolerance
• TC’s from 30 ppm/°C to +500 ppm/°C (range dependant)
IRC
Type
Power @ 25°C
(watts)
Resistance Range
(ohms)
LPW-3
3
.005 TO .15
LPW-5
5
.005 TO .15
LPW-7
7
.01 TO .15
LPW-10
10
.01 TO .15
LPW-15
15
.01 TO .15
Please note: When ordering the alternate configuration please add an "A" after the part number. (LPW-3A)
Standard Configuration
Alternate Configuration
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
D - Diameter
±.002 (.05)
E
±.03 (.8)
LPW-3
.88 (22.4)
.31 (7.87)
.31 (7.87)
.040
.38 (9.65)
LPW-5
.88 (22.4)
.38 (9.65)
.35 (8.89)
.040
.41 (10.4)
LPW-7
1.39 (35.3)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-10
1.88 (47.8)
.38 (9.65)
.35 (8.89)
.040
.47 (11.9)
LPW-15
1.88 (47.8)
.50 (12.7)
.50 (12.7)
.040
.63 (16.0)
L
D
.75
”
Min.
0.125
” Max.
H
W
E
-Inductance less than 10 nanohenries
NOTE: Standard test points for LPW-3 and LPW-5 are 1.75 in.
(44.45mm); test points for LPW-7, LPW-10, LPW-15 are 2.500 in.
(63.50mm). Consult factory for application.
���������������������������
������������
���������
���������
�������������
�����������
������������
LPW Series Issue October 2008 Sheet 1 of 2


Similar Part No. - LPW-351202F

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LPW-3 TTELEC-LPW-3 Datasheet
155Kb / 2P
3 watts to 15 watts
More results

Similar Description - LPW-351202F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
Low Resistance Power Wirewounds
logo
IRC - a TT electronics ...
PLO5R020F IRCTT-PLO5R020F Datasheet
219Kb / 2P
Extremely Low Resistance Power Wirewounds
logo
HOKURIKU ELECTRIC INDUS...
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
logo
Bruckewell Technology L...
RS1010F BWTECH-RS1010F Datasheet
140Kb / 4P
Extremely low thermal resistance
RS1010FS BWTECH-RS1010FS Datasheet
166Kb / 4P
Extremely low thermal resistance
SD22-210 BWTECH-SD22-210 Datasheet
745Kb / 2P
Extremely low thermal resistance
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
Flat Type Extremely-Low Resistance Chip Resistor
logo
Ohmite Mfg. Co.
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
Extremely low resistance and high precision tolerance
logo
Laird Tech Smart Techno...
S9026XR LSTD-S9026XR Datasheet
268Kb / 1P
Extremely low VSWR
logo
Shanghai Leiditech Elec...
MBR0520 LEIDITECH-MBR0520 Datasheet
602Kb / 2P
Low Forward Voltage and Extremely Low Thermal Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com