Electronic Components Datasheet Search
  English  ▼

X  

UC27131 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC27131
Description  Smart Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC27131 Datasheet(HTML) 1 Page - Texas Instruments

  UC27131 Datasheet HTML 1Page - Texas Instruments UC27131 Datasheet HTML 2Page - Texas Instruments UC27131 Datasheet HTML 3Page - Texas Instruments UC27131 Datasheet HTML 4Page - Texas Instruments UC27131 Datasheet HTML 5Page - Texas Instruments UC27131 Datasheet HTML 6Page - Texas Instruments UC27131 Datasheet HTML 7Page - Texas Instruments UC27131 Datasheet HTML 8Page - Texas Instruments UC27131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC17131/2/3
UC27131/2/3
UC37131/2/3
SLUS340 - APRIL 1999
FEATURES
• 300mA Continuous Output Current
• Low Side or High Side Switch
Configuration
• 8V to 65V Operation
• Overload and Short Circuit Protection
• Power Interruption Protection
• +6V Regulated Voltage
• 2mA Quiescent Current
• Programmable Overcurrent and
Power Interruption Protection
• 1% to 30% Programmable Input
Comparator Hysteresis (on UC37132)
• Low and High Side Internal High
Current Clamps When Driving
Inductive Loads
Smart Power Switch
13
12
11
VREF
IN
6
10
3
7VCC
LS
CSH
CSL
2GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
HYST
9
LED
TURN-ON/OFF
AND
SHORT CIRCUIT
PROTECTION
4HS
5
Q
OUT
72V
6V/8mA
CDEL
UC37132 BLOCK DIAGRAM
UDG-98026
DESCRIPTION
The UC37131, UC37132 and UC37133 are a family of smart power
switches which can drive resistive or inductive loads from the high side or
low side.
The UC37132 is available in 14 pin (DIP), 16 pin (SOIC), or 20 pin (CLCC)
packages and can accommodate both low side (load to VCC) or high side
(load to GND) configurations. The UC37131 and UC37133 are exclusively
for a low side or a high side configuration respectively and both are avail-
able in an 8 pin package. Both high side and low side configurations provide
high current switching with low saturation voltages which can drive resistive
or inductive loads.
The input to the switch is driven by a low voltage signal, typically 5V. Addi-
tionally, UC37132 features adjustable hysteresis. The output of the device
can switch a load between 8V and 65V. Output current capability is 300mA
continuous or 700mA peak.
The device also has inherent smart features that allow for programmable
turn-on delay in enabling the output following startup. The same capacitor
that specifies the turn-on delay is also used to program a VCC power inter-
ruption time. If VCC drops below a threshold for a time specified by this ca-
pacitor, the output is turned off and a new turn-on delay will be re-triggered.
Similarly, if high current persists longer than the response delay, the output
driver will operate in a very low duty cycle mode to protect the IC.


Similar Part No. - UC27131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC27131 TI-UC27131 Datasheet
145Kb / 12P
Smart Power Switch
UC27131/2/3 TI2-UC27131/2/3 Datasheet
184Kb / 13P
Smart Power Switch
APRIL 1999
UC27131D TI1-UC27131D Datasheet
121Kb / 13P
Smart Power Switch
UC27131D TI-UC27131D Datasheet
145Kb / 12P
Smart Power Switch
UC27131D TI2-UC27131D Datasheet
184Kb / 13P
Smart Power Switch
APRIL 1999
More results

Similar Description - UC27131

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
Smart Lowside Power Switch
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
Smart Highside Power Switch
03.97
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
Smart Lowside Power Switch
2002-09-04
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
Smart Highside Power Switch
2003-Oct-01
logo
Texas Instruments
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
Smart Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com