Electronic Components Datasheet Search
  English  ▼

X  

LPC2921 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2921 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 15Page - NXP Semiconductors LPC2921 Datasheet HTML 16Page - NXP Semiconductors LPC2921 Datasheet HTML 17Page - NXP Semiconductors LPC2921 Datasheet HTML 18Page - NXP Semiconductors LPC2921 Datasheet HTML 19Page - NXP Semiconductors LPC2921 Datasheet HTML 20Page - NXP Semiconductors LPC2921 Datasheet HTML 21Page - NXP Semiconductors LPC2921 Datasheet HTML 22Page - NXP Semiconductors LPC2921 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
19 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
The index sector is a special sector in which the JTAG access protection and sector
security are located. The address space becomes visible by setting the FS_ISS bit and
overlaps the regular flash sector’s address space.
Note that the index sector, once programmed, cannot be erased. Any flash operation must
be executed out of SRAM (internal or external).
6.8.3 Flash bridge wait-states
To eliminate the delay associated with synchronizing flash-read data, a predefined
number of wait-states must be programmed. These depend on flash-memory response
time and system clock period. The minimum wait-states value can be calculated with the
following formulas:
Synchronous reading:
(1)
Asynchronous reading:
(2)
Remark: If the programmed number of wait-states is more than three, flash-data reading
cannot be performed at full speed (i.e. with zero wait-states at the AHB bus) if speculative
reading is active.
6.8.4 Pin description
The flash memory controller has no external pins. However, the flash can be programmed
via the JTAG pins, see Section 6.6.3.
6.8.5 Clock description
The flash memory controller is clocked by CLK_SYS_FMC, see Section 6.7.2.
16
8
0x2000 A000
yes
yes
yes
17
8
0x2000 C000
yes
yes
yes
18
8
0x2000 E000
yes
yes
yes
0
64
0x2001 0000
yes
yes
yes
1
64
0x2002 0000
no
yes
yes
2
64
0x2003 0000
no
yes
yes
3
64
0x2004 0000
no
no
yes
4
64
0x2005 0000
no
no
yes
5
64
0x2006 0000
no
no
yes
6
64
0x2007 0000
no
no
yes
Table 10.
Flash sector overview …continued
Flash memory
sector number
Sector size (kB)
Flash memory
address
LPC2921
LPC2923
LPC2925
WST
t
acc clk
()
t
t
tclk sys
()
------------------
>
1
–
WST
t
acc addr
()
t
tclk sys
()
----------------------
>
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com