Electronic Components Datasheet Search
  English  ▼

X  

PCA9635 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9635
Description  16-bit Fm I2C-bus LED driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9635 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9635 Datasheet HTML 1Page - NXP Semiconductors PCA9635 Datasheet HTML 2Page - NXP Semiconductors PCA9635 Datasheet HTML 3Page - NXP Semiconductors PCA9635 Datasheet HTML 4Page - NXP Semiconductors PCA9635 Datasheet HTML 5Page - NXP Semiconductors PCA9635 Datasheet HTML 6Page - NXP Semiconductors PCA9635 Datasheet HTML 7Page - NXP Semiconductors PCA9635 Datasheet HTML 8Page - NXP Semiconductors PCA9635 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PCA9635_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 July 2009
3 of 35
NXP Semiconductors
PCA9635
16-bit Fm+ I2C-bus LED driver
3.
Applications
I RGB or RGBA LED drivers
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
[1]
PCA9635PW/Q900 is AEC-Q100 compliant. Contact i2c.support@nxp.com for PPAP.
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9635PW
PCA9635PW TSSOP28
plastic thin shrink small outline package; 28 leads;
body width 4.4 mm
SOT361-1
PCA9635PW/Q900[1]
PCA9635PW TSSOP28
plastic thin shrink small outline package; 28 leads;
body width 4.4 mm
SOT361-1
Remark: Only one LED output shown for clarity.
Fig 1.
Block diagram of PCA9635
A0
A1
A2
A3
A4
A5
A6
002aac136
I2C-BUS
CONTROL
INPUT FILTER
PCA9635
POWER-ON
RESET
SCL
SDA
VDD
VSS
LED
STATE
SELECT
REGISTER
PWM
REGISTER X
BRIGHTNESS
CONTROL
GRPFREQ
REGISTER
GRPPWM
REGISTER
MUX/
CONTROL
OE
'0' – permanently OFF
'1' – permanently ON
VDD
LEDn
190 Hz
24.3 kHz
97 kHz
25 MHz
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com