Electronic Components Datasheet Search
  English  ▼

X  

UC1637L Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC1637L
Description  Switched Mode Controller for DC Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1637L Datasheet(HTML) 1 Page - Texas Instruments

  UC1637L Datasheet HTML 1Page - Texas Instruments UC1637L Datasheet HTML 2Page - Texas Instruments UC1637L Datasheet HTML 3Page - Texas Instruments UC1637L Datasheet HTML 4Page - Texas Instruments UC1637L Datasheet HTML 5Page - Texas Instruments UC1637L Datasheet HTML 6Page - Texas Instruments UC1637L Datasheet HTML 7Page - Texas Instruments UC1637L Datasheet HTML 8Page - Texas Instruments UC1637L Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The UC1637 is a pulse width modulator circuit intended to be used for a variety of
PWM motor drive and amplifier applications requiring either uni-directional or bi-
directional drive circuits. When used to replace conventional drivers, this circuit
can increase efficiency and reduce component costs for many applications. All
necessary circuitry is included to generate an analog error signal and modulate
two bi-directional pulse train outputs in proportion to the error signal magnitude
and polarity.
This monolithic device contains a sawtooth oscillator, error amplifier, and two
PWM comparators with
±100mA output stages as standard features. Protection
circuitry includes under-voltage lockout, pulse-by-pulse current limiting, and a
shutdown port with a 2.5V temperature compensated threshold.
The UC1637 is characterized for operation over the full military temperature range
of -55°C to +125°C, while the UC2637 and UC3637 are characterized for -25°C to
+85°C and 0°C to +70°C, respectively.
Switched Mode Controller for DC Motor Drive
UC1637
UC2637
UC3637
BLOCK DIAGRAM
•
Single or Dual Supply
Operation
•
±2.5V to ±20V Input Supply
Range
•
±5% Initial Oscillator
Accuracy;
± 10% Over
Temperature
•
Pulse-by-Pulse Current
Limiting
•
Under-Voltage Lockout
•
Shutdown Input with
Temperature Compensated
2.5V Threshold
•
Uncommitted PWM
Comparators for Design
Flexibility
•
Dual 100mA, Source/Sink
Output Drivers
Supply Voltage (
±Vs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20V
Output Current, Source/Sink (Pins 4, 7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA
Analog Inputs (Pins 1, 2, 3, 8, 9, 10, 11 12, 13, 14, 15, 16) . . . . . . . . . . . . . . . . . . . . . . .
±Vs
Error Amplifier Output Current (Pin 17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20mA
Oscillator Charging Current (Pin 18). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2mA
Power Dissipation at TA = 25°C (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000mW
Power Dissipation at TC = 25°C (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300°C
Note 1: Currents are positive into, negative out of the specified terminal.
Note 2: Consult Packaging Section of Databook for thermal limitations and considerations
of package.
FEATURES
ABSOLUTE MAXIMUM RATINGS (Note 1)
DESCRIPTION
6/97


Similar Part No. - UC1637L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637L TI1-UC1637L Datasheet
913Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637L TI1-UC1637L Datasheet
908Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
Switched Mode Controller for DC Motor Drive
UC1637L883B TI1-UC1637L883B Datasheet
913Kb / 12P
Switched Mode Controller for DC Motor Drive
UC1637L883B TI1-UC1637L883B Datasheet
908Kb / 12P
Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC1637L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
Switched-mode power supply controller
1994 Aug 31
logo
Texas Instruments
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
Switched Mode Controller for DC Motor Drive
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
DC Motor Drive
logo
List of Unclassifed Man...
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
Brushless DC Drive for 30W 42mm motor
BD5-G2-AH ETC2-BD5-G2-AH Datasheet
260Kb / 4P
Brushless DC Drive for 42mm 60W motor
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
Brushless DC Drive for 42mm 90W motor
logo
Texas Instruments
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
Switched Mode Controller for DC Motor Drive
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
Switched Mode Controller for DC Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com