Electronic Components Datasheet Search
  English  ▼

X  

PCF8579H/1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8579H/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579H/1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8579H/1 Datasheet HTML 20Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 21Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 22Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 23Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 24Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 25Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 26Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 27Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
24 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
The display status (all dots on or off and normal or inverse video) is set by the bits E[1:0]
of the set-mode command. For bank switching, the RAM bank corresponding to the top of
the display is set by the bits B[1:0] of the set-start-bank command. This is shown in
Figure 18. This feature is useful when scrolling in alphanumeric applications.
9.
Limiting values
[1]
According to the NXP store and transport conditions (document
SNW-SQ-623) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
Table 13.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+8.0
V
VLCD
LCD supply voltage
VDD − 11
+8.0
V
VI
input voltage
VDD related;
on pins SDA, SCL,
CLK, TEST, SA0
and OSC
−0.5
+8.0
V
VLCD related;
V3 and V4
VDD − 11
+8.0
V
VO
output voltage
VDD related;
SYNC and CLK
−0.5
+8.0
V
VLCD related;
R0 to R7, R8/C8 to
R31/C31 and C32
to C39
VDD − 11
+8.0
V
II
input current
−10
+10
mA
IO
output current
−10
+10
mA
IDD
supply current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
per package
-
400
mW
Po
output power
-
100
mW
Tstg
storage temperature
[1]
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com