Electronic Components Datasheet Search
  English  ▼

X  

SE98APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE98APW
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98APW Datasheet(HTML) 3 Page - NXP Semiconductors

  SE98APW Datasheet HTML 1Page - NXP Semiconductors SE98APW Datasheet HTML 2Page - NXP Semiconductors SE98APW Datasheet HTML 3Page - NXP Semiconductors SE98APW Datasheet HTML 4Page - NXP Semiconductors SE98APW Datasheet HTML 5Page - NXP Semiconductors SE98APW Datasheet HTML 6Page - NXP Semiconductors SE98APW Datasheet HTML 7Page - NXP Semiconductors SE98APW Datasheet HTML 8Page - NXP Semiconductors SE98APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
SE98A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 August 2009
3 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
5.
Block diagram
Fig 1.
Block diagram of SE98A
002aad756
SCL
SDA
EVENT
SE98A
VSS
SMBus/I2C-BUS
INTERFACE
VDD
TEMPERATURE REGISTER
CRITICAL ALARM TRIP
UPPER ALARM TRIP
LOWER ALARM TRIP
CAPABILITY
MANUFACTURING ID
DEVICE/REV ID
SMBus TIMEOUT/ALERT
CONFIGURATION
• HYSTERESIS
• SHUT DOWN TEMP SENSOR
• LOCK PROTECTION
• EVENT OUTPUT ON/OFF
• EVENT OUTPUT POLARITY
• EVENT OUTPUT STATUS
• CLEAR EVENT OUTPUT STATUS
POINTER REGISTER
BAND GAP
TEMPERATURE
SENSOR
11-BIT
∆Σ ADC
POR
10 V
OVERVOLTAGE
FILTER
A0
A1
A2
R
30 k
Ω to 800 kΩ
R
30 k
Ω to 800 kΩ
R
30 k
Ω to 800 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43