Electronic Components Datasheet Search
  English  ▼

X  

TDF8599B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 23Page - NXP Semiconductors TDF8599B Datasheet HTML 24Page - NXP Semiconductors TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
27 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
10. Limiting values
[1]
Floating condition assumed for outputs.
[2]
Current limiting concept.
[3]
Human Body Model (HBM).
[4]
Charged-Device Model (CDM).
[5]
The output pins are defined as the output pins of the filter connected between the TDF8599B output pins
and the load.
Table 17.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VP
supply voltage
Operating mode
-
29
V
off state
[1]
−1
+50
V
load dump; duration
50 ms; tr > 2.5 ms
-50
V
IORM
repetitive peak output
current
maximum output current
limiting
[2] 8-
A
IOM
peak output current
maximum; non-repetitive
stereo mode
-
20
A
parallel mode
-
13
A
Vi
input voltage
pins SCL, SDA, ADS,
MOD, SSM, OSCIO, EN
and SEL_MUTE
0
5.5
V
pins IN1N, IN1P, IN2N
and IN2P
010
V
Vo
output voltage
pins DIAG and CLIP
0
10
V
RESR
equivalent series resistance
as seen between pins VP
and PGNDn
-
350
m
Ω
Tj
junction temperature
-
150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
VESD
electrostatic discharge
voltage
HBM
[3]
C = 100 pF;
Rs = 1.5 kΩ
-
2000
V
CDM
[4]
non-corner pins
-
500
V
corner pins
-
750
V
V(prot)
protection voltage
AC and DC short circuit
voltage of output pins
across load and to
supply and ground
[5] 0VP
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com