Electronic Components Datasheet Search
  English  ▼

X  

XCM519AD02DR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCM519AD02DR
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AD02DR Datasheet(HTML) 4 Page - Torex Semiconductor

  XCM519AD02DR Datasheet HTML 1Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 2Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 3Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 4Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 5Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 6Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 7Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 8Page - Torex Semiconductor XCM519AD02DR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4/49
XCM519 Series
Ta=25℃
(*1) IVROUT=Less than Pd / (VIN2-VROUT)
PARAMETER
SYMBOL
RATINGS
UNITS
VIN1Voltage
VIN1
- 0.3 ∼ 6.5
V
Lx Voltage
VLx
- 0.3 ∼ VIN1 + 0.3 or 6.5
V
DCOUT Voltage
VDCOUT
- 0.3 ∼ 6.5
V
EN1 Voltage
VEN1
- 0.3 ∼ 6.5
V
Lx Current
ILx
±1500
mA
VBIAS Voltage
VBIAS
VSS - 0.3 ∼ 7.0
V
VIN2 Voltage
VIN2
VSS - 0.3 ∼ 7.0
V
VROUT Current
IVROUT
700
(*1)
mA
VSS - 0.3∼VBIAS + 0.3
VROUT Voltage
VROUT
VSS - 0.3∼VIN2 + 0.3
V
EN2 Voltage
VEN2
VSS - 0.3 ∼ 6.5
V
Power Dissipation
(Ta=25℃)
USP-12B01
Pd
150
mW
Junction Temperature
Tj
125
℃
Operating Temperature Range
Topr
-40∼+85
℃
Storage Temperature Range
Tstg
-55∼+125
℃
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
CE/MODE
Control
Logic
CE/
VSHORT
CE
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
V
SS
V
IN
V
OUT
CE/MODE
Control
Logic
VSHORT
XC9235A/XC9236A
XC9235B/XC9236B
、)
(CL放電機能有
高速ソフトスタート
V
SS
V
IN
V
OUT
■BLOCK DIAGRAMS
■MAXIMUM ABSOLUTE RATINGS
Available with CL Discharge, High Speed Soft-Start
* XC9235 control scheme is a fixed PWM because that the “CE/MODE Control Logic” outputs a low level signal to the “PWM/PFM Selector”.
* XC9236 control scheme is an auto PWM/PFM switching because the “CE/MODE Control Logic” outputs a high level signal to the “PWM/PFM Selector”.
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
XC6601B (Without Pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com