Electronic Components Datasheet Search
  English  ▼

X  

MF2S6802KA Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # MF2S6802KA
Description  Power Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MF2S6802KA Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  MF2S6802KA Datasheet HTML 1Page - IRC - a TT electronics Company. MF2S6802KA Datasheet HTML 2Page - IRC - a TT electronics Company. MF2S6802KA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Metal Film
Resistor
Application Notes
1. If the resistors are to dissipate full rate power, it
is recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limitations imposed
by some pcb materials, derating may be necessary. An
estimate of the temperature rise to be expected can be
calculated using the thermal impedance figures given
under Electrical Data.
3. Lead formed resistors can also be supplied. Standard
options of Lancet, Radial, and Goalpost forming are
shown in lead Form Information section.
Type
b
c
MF1/2S
52
5
MF1S
52
5
MF2S
52
5
MF3S
67
10
Packaging
The preferred method of packaging is taped and ammo packed.
See figure 1 for critical dimensions.
Alternative packaging is available by special request.
Type
Code
MF1/2S
MF1S
MF2S
MF3S
MF1/2S
R
5000
2500
2500
1000
MF1S
A
5000
2500
2500
N/A
MF2S
A
2000
1000
1000
N/A
Sample Part No.
IRC Type
MF1/2S, MF1S, MF2S, MF3S
Value
(Use IEC 62 code)
Tolerance
(Use IEC 62 code)
J = 5%, K = 10%
Packaging Details
R = Reel, A = Ammo
Ordering Data
MF2S
6802
J
R
MF-S Series Issue October 2008 Sheet 2 of 3
b
f1
c
6
6
f2
Body location: f1 - f2 ≤ 1.4mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com