Electronic Components Datasheet Search
  English  ▼

X  

XC9129B45CSR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9129B45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129B45CSR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9129B45CSR Datasheet HTML 1Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 2Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 3Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 4Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129B45CSR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
XC9128/XC9129
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
With integral protection
①
Transistor Built-In,
Output Voltage Freely Set (FB voltage),
Integral Protection Type
D
Without integral protection
Fixed reference voltage 0.45V
②③
Reference Voltage
45
②
=4, ③=5
④
Oscillation Frequency
C
1.2MHz
AR
MSOP-10
AR-G
MSOP-10 (Halogen & Antimony free)
DR
USP-10B
DR-G
USP-10B (Halogen & Antimony free)
⑤⑥
-⑦
Packages
Taping Type
(*2)
SR
SOP-8 (under development)
XC9128①②③④⑤⑥-⑦
*1)・・・・ MSOP-10, USP-10B
XC9129①②③④⑤⑥-⑦
*1)・・・・ USP-10B
SOP-8 (Under Development)
■
FUNCTION CHART
●
XC9128 Series
EN PIN
AEN/ PIN
FB PIN VOLTAGE
IC OPERATIONAL STATE
SOFT-START FUNCTION
L→H
L
-
Operation
Available
H
H→L
Lower than 0.45×0.8V
Operation
Available
H
H→L
Higher than 0.45×0.95V
Operation
Not Available
H
H
-
Step-Up Operation
Shut-Down
-
L
L
-
Disable
-
L
H
-
Disable
-
* Do not leave the EN and AEN/ Pins open.
●
XC9129 Series
EN PIN
IC OPERATIONAL STATE
H
Operation
L
Disable
* Do not leave the EN Pin open.
●
XC9128/XC9129 Series
MODE PIN
FUNCTION
H
PWM Control
L
PWM/PFM Automatic Switching Control
1. EN, AEN/ Pin Function
2. MODE Pin Function
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com