Electronic Components Datasheet Search
  English  ▼

X  

XC9129D45CSR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9129D45CSR
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129D45CSR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9129D45CSR Datasheet HTML 2Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 3Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 4Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 5Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 6Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 7Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 8Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 9Page - Torex Semiconductor XC9129D45CSR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
XC9128/XC9129 Series
Topr=25
oC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUIT
VIN =VOUT=3.3V, VFO=0V
(*8)
EN "H" Voltage
VENH
Voltage to start oscillation during
VFB=0.45×0.9, VEN= 0.2V→0.65V
0.65
-
6.0
V
④
VIN = VOUT =3.3V, VFO=0V
(*8)
EN "L" Voltage
VENL
Voltage to stop oscillation during
VFB=0.45×0.9,
VEN= 0.65V→0.2V
-
-
0.2
V
④
MODE "H" Voltage
VMODEH
RL =330Ω, Voltage operates at PWM control
0.65
-
6.0
V
①
MODE "L" Voltage
VMODEL
RL =330Ω, Voltage operates at PFM control
AGND
-
0.2
V
①
AEN/ Voltage
(*7)
VAEN/
VIN = VOUT =3.3V, VFO=0V
Voltage to start oscillation during VAEN/= 0.9V→0.7V
0.7
0.8
0.9
V
④
EN "H" Current
IENH
VIN=VOUT=VFB=VEN=6.0V
-
-
0.1
μ
A
②
EN "L" Current
IENL
VIN=VOUT=VFB=6.0V, VEN=0V
-0.1
-
-
μ
A
②
MODE "H" Current
IMODEH
VIN=VOUT=VFB=VMODE=6.0V
-
-
0.1
μ
A
②
MODE "L" Current
IMODEL
VIN=VOUT=VFB=6.0V, VMODE=0V
-0.1
-
-
μ
A
②
AEN/ "H" Current
(*7)
IAEN/H
VIN=VOUT=VFB=VAEN/=6.0V
-
-
0.1
μ
A
②
AEN/ "L" Current
(*7)
IAEN/L
VIN=VOUT=6.0V, VEN=0V, VAEN/=0V
-0.1
-
-
μ
A
②
FB "H" Current
IFBH
VIN=VOUT=VFB=6.0V
-
-
0.1
μ
A
②
FB "L" Current
IFBL
VIN=VOUT=6.0V, VFB=0V
-0.1
-
-
μ
A
②
Test Conditions:
For the Circuit No.1, unless otherwise stated, VIN=1.8V, VEN=VMODE=VFO=3.3V, VAEN/=0V (
*8)
For the Circuit No.2, unless otherwise stated, VIN=1.8V, VFB =0V, VEN=VMODE=3.3V, VAEN/=0V (
*8)
For the Circuit No.3, unless otherwise stated, VIN=1.8V, VOUT=VEN=VMODE=3.3V, FB=0V
For the Circuit No.4, unless otherwise stated, VIN=1.8V, VFB=0V, VEN=VMODE=Vpull=VFO=3.3V, VAEN/ =0V (
*8)
For the Circuit No.5, unless otherwise stated, VIN=3.3V, VAEN/=0V (
*8)
For the Circuit No.6, unless otherwise stated, VEN=VMODE=Vpull=VFO=3.3V, VFB=0V (
*8)
For the Circuit No.7, unless otherwise stated, VEN=VMODE=3.3V
External Components:
For the Circuit No.1, RFB1=270kΩ, RFB2=43kΩ, CFB=12pF, L=4.7μH(LTF5022 TDK), CL1=22μF(ceramic), CL2=10
μ
F(ceramic), CIN=10μF(ceramic)
For the Circuit No.2,3, CIN=1μF(ceramic)
For the Circuit No.4,6, CIN=1μF(ceramic), Rpull=300Ω
For the Circuit No.5, CIN=1μF(ceramic), COUT=1μF(ceramic)
For the Circuit No.7, CIN=1μF(ceramic), COUT=1μF(ceramic), SBD =XBS304S17(TOREX), Rpull=0.5Ω
*1 : Designed value
*2 : Efficiency ={(output voltage) X (output current)} ÷ {(input voltage) X (input current)} X 100
*3 : LX SW "P-ch" ON resistance=(VLx-VOUT pin test voltage)÷100mA
*4 : Testing method of LX SW "N-ch" ON resistance is stated at test circuits.
*5 : Current flowing through the Nch driver transistor is limited.
*6 : The XC9128D/XC9129D series does not have integral latch protection and VLVP function.
This is only available with the XC9128B/XC9129B series.
*7 : The XC9129 series does not have FO and AEN/ pins. These pins are only available in the XC9128 series.
*8 : The XC9129 series does not have FO and AEN/ pins. The AEN/FO functions are only effective for the test of the XC9128 series.
■
ELECTRICAL CHARACTERISTICS (Continued)
●
XC9128/XC9129 Series (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com