Electronic Components Datasheet Search
  English  ▼

X  

UC2-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2-2
Description  Fast LDO Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2-2 Datasheet(HTML) 3 Page - Texas Instruments

  UC2-2 Datasheet HTML 1Page - Texas Instruments UC2-2 Datasheet HTML 2Page - Texas Instruments UC2-2 Datasheet HTML 3Page - Texas Instruments UC2-2 Datasheet HTML 4Page - Texas Instruments UC2-2 Datasheet HTML 5Page - Texas Instruments UC2-2 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these parameters apply for TA = –55
°C to 125°C for the
UC182-X series, –25°C to +100°C for the UC282-X series and 0°C to +100°C for the UC382-X, VB = 5V; VIN = 3.3V, VOUT =
2.5V for the UC382-ADJ, TA = TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UC382-2 Fixed 2.1V, 3A Family (cont.)
VB PSSR
52
62
dB
VIN Dropout Voltage = VIN–VOUT
IVOUT = 3A, TJ = 25°C
350
425
mV
IVOUT = 3A, UC382-2
350
450
mV
IVOUT = 3A, UC282-2 and UC182-2
350
500
mV
VB Dropout = VB–VOUT
IVOUT = 3A, UC382-2
1.8
2.10
V
IVOUT = 3A, UC282-2
1.8
2.20
V
IVOUT = 3A, UC182-2
1.8
2.35
V
Short Circuit Current Limit
3.3
4.5
A
VB Current
IVOUT = 10mA
6
9
mA
IVOUT = 3A
18
60
mA
VIN Current
IVOUT = 3A
2.94
2.97
A
UC382-1 Fixed 1.5V, 3A Family
Output Voltage (IVOUT = 100mA)
UC382-1
1.485
1.500
1.515
V
UC282-1 and UC182-1
1.470
1.500
1.515
V
Load Regulation
IVOUT = 10mA to 3A
0.5
4
mV
VIN PSSR
80
100
dB
VB PSSR
55
65
dB
VIN Dropout Voltage = VIN–VOUT
IVOUT = 3A, TJ = 25°C
350
425
mV
IVOUT = 3A, UC282-1
350
450
mV
IVOUT = 3A, UC282-2 and UC182-1
350
500
mV
VB Dropout = VB–VOUT
IVOUT = 3A, UC382-1
1.8
2.10
V
IVOUT = 3A, UC282-1
1.8
2.20
V
IVOUT = 3A, UC182-1
1.8
2.35
V
Short Circuit Current Limit
3.3
4.5
A
VB Current
IVOUT = 10mA
6
9
mA
IVOUT = 3A
18
60
mA
VIN Current
IVOUT = 3A
2.94
2.97
A
UC382-ADJ Adjustable, 3A Family
ADJ Voltage (IVOUT = 100 mA)
UC382-ADJ
1.188
1.200
1.212
V
UC282-ADJ and UC182-ADJ
1.176
1.200
1.212
V
Load Regulation
IVOUT = 10mA to 3A
0.5
4
mV
VIN PSSR
VOUT Programmed for 2.5V
80
100
dB
VB PSSR
VOUT Programmed for 2.5V
50
60
dB
VIN Dropout Voltage = VIN–VOUT
IVOUT = 3A, TJ = 25°C
350
425
mV
IVOUT = 3A, UC382-ADJ
350
450
mV
IVOUT = 3A, UC282-ADJ and UC182-ADJ
350
500
mV
VB Dropout = VB–VOUT
IVOUT = 3A, UC382-ADJ
1.8
2.10
V
IVOUT = 3A, UC282-ADJ
1.8
2.20
V
Short Circuit Current Limit
3.3
4.5
A
VB Current
IVOUT = 10mA
6
9
mA
IVOUT = 3A
18
60
mA
VIN Current
IVOUT = 3A
2.94
2.97
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com