Electronic Components Datasheet Search
  English  ▼

X  

UC3-2 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC3-2
Description  Fast LDO Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3-2 Datasheet(HTML) 2 Page - Texas Instruments

  UC3-2 Datasheet HTML 1Page - Texas Instruments UC3-2 Datasheet HTML 2Page - Texas Instruments UC3-2 Datasheet HTML 3Page - Texas Instruments UC3-2 Datasheet HTML 4Page - Texas Instruments UC3-2 Datasheet HTML 5Page - Texas Instruments UC3-2 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UC182-1,-2,-3,-ADJ
UC282-1,-2,-3,-ADJ
UC382-1,-2,-3,-ADJ
ABSOLUTE MAXIMUM RATINGS
VB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13V
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.5V
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.2V to 6.0V
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
CONNECTION DIAGRAMS
5-Pin TO-220 (Top View)
T Package
5-Pin TO-263 (Top View)
TD Package
ORDERING INFORMATION
Temperature Range
Package
Output Voltage
1: –55°C to +125°C
T: TO-220
1: 1.5V
2: –25
°C to +100°C TD: TO-263 2: 2.1V
3: 0
°C to +100°C
3: 2.5V
ADJ: 1.2V or Adjustable
Note: Tab tied to Pin 3.
Note: Tab tied to Pin 3.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these parameters apply for TA = –55
°C to 125°C for the
UC182-X series, –25°C to +100°C for the UC282-X series and 0°C to +100°C for the UC382-X, VB = 5V; VIN = 3.3V, VOUT =
2.5V for the UC382-ADJ, TA = TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UC382-3 Fixed 2.5V, 3A Family
Output Voltage (IVOUT = 100mA)
UC382-3
2.475
2.500
2.525
V
UC282-3 and UC182-3
2.450
2.500
2.525
V
Load Regulation
IVOUT = 10mA to 3A
0.5
4
mV
VIN PSSR
80
100
dB
VB PSSR
50
60
dB
VIN Dropout Voltage = VIN–VOUT
IVOUT = 3A, TJ = 25°C
350
425
mV
IVOUT = 3A, UC382-3
350
450
mV
IVOUT = 3A, UC282-3 and UC182-3
350
500
mV
VB Dropout = VB–VOUT
IVOUT = 3A, UC382-3
1.8
2.10
V
IVOUT = 3A, UC282-3
1.8
2.20
V
IVOUT = 3A, UC182-3
1.8
2.35
V
Short Circuit Current Limit
3.3
4.5
A
VB Current
IVOUT = 10mA
6
9
mA
IVOUT = 3A
18
60
mA
VIN Current
IVOUT = 3A
2.94
2.97
A
UC382-2 Fixed 2.1V, 3A Family
Output Voltage (IVOUT = 100mA)
UC382-2
2.079
2.100
2.121
V
UC282-2 and UC182-2
2.058
2.100
2.121
V
Load Regulation
IVOUT = 10mA to 3A
0.5
4
mV
VIN PSSR
80
100
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com