Electronic Components Datasheet Search
  English  ▼

X  

ECH8671 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8671
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8671 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8671 Datasheet HTML 1Page - Sanyo Semicon Device ECH8671 Datasheet HTML 2Page - Sanyo Semicon Device ECH8671 Datasheet HTML 3Page - Sanyo Semicon Device ECH8671 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8671
No. A1456-3/4
IS -- VSD
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
| yfs | -- I
D
IT14576
IT14577
--0.3
--0.4
--0.6
--0.5
--0.7
--0.8
--0.9
--1.0
--1.1
7
1.0
0.1
7
5
3
2
2
10
7
5
3
2
3
--0.1
2
--0.01
23
5 7
--1.0
2
35 7
Ta=
--25
°C
VDS= --6V
--0.01
2
3
--0.1
7
5
VGS=0V
--0.01
--0.1
23
5 7
2
--1.0
--10
35 7
2
VDD= --6V
VGS= --4.5V
td(on)
td(off)
tf
IT14578
0
--6
--10
7
1000
7
5
3
2
100
5
--12
--2
--4
--8
Ciss
Coss
Crss
IT14579
10
2
3
7
2
5
3
3
5
100
2
7
5
f=1MHz
0
--2
--4
--6
--8
--1
--3
--5
--7
20
40
60
120
80
100
140
180
160
220
200
0
40
20
80
60
160
140
120
100
200
180
220
0
IT14574
IT14575
ID= --0.5A
--1.5A
Ta=25
°C
--1A
75°
C
25°
C
2
3
--1.0
7
5
2
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID=
--0.5A
VGS=
--4.5V
, ID= -
-1.5A
VGS
= --2.5V
, ID=
--1.0A
35 7
0
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT14572
0
--1.0
--0.5
--1.5
--2.0
--3.0
--2.5
0
--1.0
--0.5
--1.5
--2.0
--2.5
--3.0
--3.5
--6.0
--5.5
--5.0
--4.5
--4.0
IT14573
--1.5V
VDS= --10V
VGS= --1.2V
t r
--10
35 7
3
--10
7
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com