Electronic Components Datasheet Search
  English  ▼

X  

LE24L042CS Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LE24L042CS
Description  Two Wire Serial Interface EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L042CS Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LE24L042CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 9Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LE24L042CS
7 EEPROM read operations
7-1. Current address reading
The address equivalent to the memory address accessed last +1 is held as the internal address of the EEPROM for
both write* and read operations. Therefore, provided that the master device has recognized the position of the
EEPROM address pointer, data can be read from the memory address with the current address pointer without
specifying the word address.
As with writing, current address reading involves receiving the 7-bit device address and read command code “1”
following the start condition, at which time the EEPROM generates an acknowledge signal. After this, the 8-bit data
of the (n+1) address is output serially starting with the highest bits. After the 8 bits have been output, by not sending
an acknowledge signal and inputting the stop condition, the EEPROM completes the read operation and is set to
standby mode.
If the previous read address is the last address, the address for the current address reading is rolled over to become
address 0.
*: If the write data is 1 or more bytes but less than 16 bytes, the current address after page writing is the address
equivalent to the number of bytes to be written in the specified word address +1. If the write data is 16 or more bytes,
it is the designated word address. If the last address (A3-A0=1111b) on the page has been designated by byte write as
the word address, the first address (A3-A0=0000b) on the page serves as the internal address after writing.
Device Address
0
1
0
1
R
ACK
NO ACK
SDA
D7 D6 D5 D4 D3 D2 D1 D0
Data(n+1)
R/W
S1
S2
A8
7-2. Random read
Random read is a mode in which any memory address is specified and its data read. The address is specified by a
dummy write input.
First, when the EEPROM receives the 7-bit device address and write command code “0” following the start condition,
it generates an acknowledge signal. It then receives the 8-bit word address, and generates an acknowledge signal.
Through these operations, the word address is loaded into the address counter inside the EEPROM.
Next, the start condition is input again and the current read is initiated. This causes the data of the word address that
was input using the dummy write input to be output. If, after the data is output, an acknowledge signal is not sent and
the stop condition is input, reading is completed, and the EEPROM returns to standby mode.
D7 D6 - D1 D0
Data(n)
Word Address(n)
0
1
0
1
W
ACK
ACK
SDA
A7 A6 A5 A4 A3 A2 A1 A0
Device Address
0
10
1
R
ACK
NO ACK
Dummy Write
Device Address
Current Read
R/W
R/W
S1
S2
A8
S1
S2
A8
7-3. Sequential read
In this mode, the data is read continuously, and sequential read operations can be performed with both current address
read and random read. If, after the 8-bit data has been output, acknowledge “0” is input and reading is continued
without issuing the stop condition, the address is incremented, and the data of the next address is output.
If acknowledge “0” continues to be input after the data has been output in this way, the data is successively output
while the address is incremented. When the last address is reached, it is rolled over to address 0, and the data
continues to be read. As with current address read and random read, the operation is completed by inputting the stop
condition without sending an acknowledge signal.
D7 D6 - D1 D0
Data(n)
SDA
Device Address
0
1
0
1
R
ACK
NO ACK
D7 D6 - D1 D0
Data(n+1)
ACK
D7 D6 - D1 D0
Data(n+2)
ACK
D7 D6 - D1 D0
Data(n+x)
ACK
R/W
S1
S2
A8
No.A1440-8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com