Electronic Components Datasheet Search
  English  ▼

X  

LE24LA322CS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LE24LA322CS
Description  Two Wire Serial Interface EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LA322CS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LE24LA322CS Datasheet HTML 1Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 2Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LA322CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LE24LA322CS
61009 SY / 42809 SY 20090401-S00010 No.A1463-1/11
Ordering number : ENA1463A
CMOS IC
Two Wire Serial Interface
EEPROM (32k EEPROM)
Overview
The LE24LA322CS is a 2-wire serial interface EEPROM. It realizes high speed and a high level reliability by
incorporating SANYO’s high performance CMOS EEPROM technology. This device is compatible with I
2C memory
protocol, therefore it is best suited for application that requires small-scale re-writable nonvolatile parameter memory.
Functions
• Capacity: 32k bits (4k × 8 bits)
• Single supply voltage: 1.7V to 3.6V
• Interface: Two wire serial interface (I2C Bus*)
• slave addresses: S2=0, S1=1, S0=0
• Operating clock frequency: 400kHz
• Low power consumption
: Standby: 2
μA (max)
: Active (Read): 0.5mA (max)
• Automatic page write mode: 32 Bytes
• Read mode: Sequential read and random read
• Erase/Write cycles: 105 cycles
• Data Retention: 10 years
• High reliability: Adopts SANYO’s proprietary symmetric memory array configuration (USP6947325)
Noise filters connected to SCL and SDA pins
Incorporates a feature to prohibit write operations under low voltage conditions.
• Package : LE24LA322CS-TL2 : WLP6
* I
2C Bus is a trademark of Philips Corporation.
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LE24LA322CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
Two Wire Serial Interface EEPROM (16k EEPROM)
More results

Similar Description - LE24LA322CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
Two Wire Serial Interface EEPROM
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
Two Wire Serial Interface EEPROM
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
Two Wire Serial Interface EEPROM (128K EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
Two Wire Serial Interface EEPROM
July, 2013
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
Two Wire Serial Interface EEPROM
July, 2013
LE24512AQF ONSEMI-LE24512AQF Datasheet
929Kb / 14P
Two Wire Serial Interface EEPROM
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com