Electronic Components Datasheet Search
  English  ▼

X  

BDB01 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BDB01
Description  One Watt Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDB01 Datasheet(HTML) 2 Page - Motorola, Inc

  BDB01 Datasheet HTML 1Page - Motorola, Inc BDB01 Datasheet HTML 2Page - Motorola, Inc BDB01 Datasheet HTML 3Page - Motorola, Inc BDB01 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDB01C,D
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
(IC = 500 mA, VCE = 2.0 V)
hFE
40
25
400
—
—
Collector – Emitter Saturation Voltage(1)
(IC = 1000 mA, IB = 100 mA)
VCE(sat)
—
0.7
Vdc
Collector – Emitter On Voltage(1)
(IC = 1000 mA, VCE = 1.0 V)
VBE(on)
—
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth Product
(IC = 200 mA, VCE = 5.0 V, f = 20 MHz)
fT
50
—
MHz
Output Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
Cob
—
30
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle 2.0%.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
200
100
80
60
40
TJ = 125°C
25
°C
–55
°C
VCE = 1.0 V
300
500
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
1.0
0.8
0.6
0.4
0.2
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.05
0.2
0.5
2.0
5.0
20
100 mA
250 mA
50
mA
50
500 mA
IC, COLLECTOR CURRENT (mA)
Figure 3. On Voltages
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
200
20
TJ = 25°C
VBE(on) @ VCE = 1.0 V
VCE(sat) @ IC/IB = 10
5.0
10
50
100
VBE(sat) @ IC/IB = 10
2.0
500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com