Electronic Components Datasheet Search
  English  ▼

X  

UC19432 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC19432
Description  Precision Analog Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC19432 Datasheet(HTML) 1 Page - Texas Instruments

  UC19432 Datasheet HTML 1Page - Texas Instruments UC19432 Datasheet HTML 2Page - Texas Instruments UC19432 Datasheet HTML 3Page - Texas Instruments UC19432 Datasheet HTML 4Page - Texas Instruments UC19432 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UC19432
UC29432
UC39432
UC39432B
DESCRIPTION
The UC39432 is an adjustable precision analog controller with 100mA sink
capability if the ISET pin is grounded. A resistor between ISET and ground
will modify the transconductance while decreasing the maximum current
sink. This will add further control in the optocoupler configuration. The
trimmed precision reference along with the non-inverting error amplifier in-
puts are accessible for custom configuration. A sister device, the UC39431
adjustable shunt regulator, has an on-board resistor network providing six
preprogrammed voltage levels, as well as external programming capability.
Precision Analog Controller
FEATURES
• Programmable Transconductance for
Optimum Current Drive
• Accessible 1.3V Precision Reference
• Both Error Amplifier Inputs Available
• 0.7% Overall Reference Tolerance
• 0.4% Initial Accuracy
• 2.2V to 36.0V Operating Supply
Voltage and User Programmable
Reference
• Reference Accuracy Maintained for
Entire Range of Supply Voltage
• Superior Accuracy and Easier
Compensation for Optoisolator
Application
• Low Quiescent Current (0.50mA Typ)
03/99
BLOCK DIAGRAM
UDG-95093


Similar Part No. - UC19432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI2-UC19432-SP Datasheet
909Kb / 10P
Rad-Tolerant Class-V, Precision Analog Controller
REVISED JULY 2010
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
UC19432J TI1-UC19432J Datasheet
1Mb / 9P
Precision Analog Controller
UC19432J883B TI1-UC19432J883B Datasheet
1Mb / 9P
Precision Analog Controller
More results

Similar Description - UC19432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
Precision Motion Controller
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
logo
Texas Instruments
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
UC29432 TI1-UC29432_09 Datasheet
1Mb / 9P
Precision Analog Controller
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
Precision ANALOG MULTIPLIER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
Rad-Tolerant Class-V, Precision Analog Controller
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com