| Electronic Components Datasheet Search |
|
STA2500DTR Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500DTR Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 57 page ![]() General specification STA2500D 28/57 Doc ID 16067 Rev 1 Figure 3. Active high clock request input and output combined with UART or SPI ● Active low clock request input and output combined with UART: Figure 4. Active low clock request input and output combined with UART ● Active low clock request input and output combined with SPI: Figure 5. Active low clock request input and output combined with SPI The pins which are “not used” are available for alternate functions as described in Section 7.5. BT_CLK_REQ_OUT_1 OR BT_CLK_REQ_IN_1 Internal BT CLK Request BT_CLK_REQ_IN_2 (*) (*) BT_CLK_REQ_IN_1 and BT_CLK_REQ_IN_2 are used UNLESS one or both are re-programmed as alternate function(s) via Parameter File (*) NOT BT_CLK_REQ_OUT_1 AND BT_CLK_REQ_IN_1 Internal BT CLK Request BT_CLK_REQ_IN_2 (*) BT_CLK_REQ_IN_1 and BT_CLK_REQ_IN_2 are used UNLESS one or both are re-programmed as alternate function(s) via Parameter File (*) (*) NOT BT_CLK_REQ_OUT_2 AND BT_CLK_REQ_IN_1 Internal BT CLK Request BT_CLK_REQ_IN_2 (*) BT_CLK_REQ_IN_1 and BT_CLK_REQ_IN_2 are used UNLESS one or both are re-programmed as alternate function(s) via Parameter File (*) (*) NOT Table 23. Use of the BT_CLK_REQ_IN and BT_CLK_REQ_OUT signals in different modes BT_CONFIG_1 BT_CONFIG_2 BT_CONFIG_3 Protocol BT_CLK_ REQ_IN_1 BT_CLK_ REQ_IN_2 BT_CLK_R EQ_OUT_1 BT_CLK_R EQ_OUT_2 01 0 H4 UART Active high(1) Active low(1) Active high not used 01 1 H4 UART Active low(1) Active low(1) Active low not used 10 1 Enhanced H4 SPI Active high Active low Active high Active low 1. BT_CLK_REQ_IN_1 and BT_CLK_REQ_IN_2 are used in the configuration logic, UNLESS one or both I/Os re- programmed as alternate function(s) via the Parameter File. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |