Electronic Components Datasheet Search
  English  ▼

X  

T610H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T610H
Description  High temperature 6 A sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T610H Datasheet(HTML) 1 Page - STMicroelectronics

  T610H Datasheet HTML 1Page - STMicroelectronics T610H Datasheet HTML 2Page - STMicroelectronics T610H Datasheet HTML 3Page - STMicroelectronics T610H Datasheet HTML 4Page - STMicroelectronics T610H Datasheet HTML 5Page - STMicroelectronics T610H Datasheet HTML 6Page - STMicroelectronics T610H Datasheet HTML 7Page - STMicroelectronics T610H Datasheet HTML 8Page - STMicroelectronics T610H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2009
Doc ID 15713 Rev 1
1/9
9
T610H
High temperature 6 A sensitive TRIACs
Features
Medium current TRIAC
Logic level sensitive TRIAC
150 °C max. Tj turn-off commutation
Clip bounding
RoHS (2002/95/EC) compliant package
Applications
The T610H is designed for the control of AC
actuators in appliances and industrial systems.
The multi-port drive of the microcontroller can
control the multiple loads of such appliances
and systems through this sensitive gate
TRIAC.
Description
Specifically designed to operate at 150 °C, the
new 6 A T610H TRIAC provides an enhanced
performance in terms of power loss and thermal
dissipation. This allows the optimization of the
heatsink size, leading to space and cost
effectiveness when compared to electro-
mechanical solutions.
Based on ST logic level technology, the T610H
offers an IGT lower than 10 mA and specified
minimal commutation and high noise immunity
levels valid up to the Tj max.
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600
V
IGT MAX
10
mA
A2
A1
G
A2
A2
A1
G
TO-220AB
T610H-6T
www.st.com


Similar Part No. - T610H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T610 POWEREX-T610 Datasheet
248Kb / 6P
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
T610 POWEREX-T610 Datasheet
732Kb / 4P
Phase Control SCR (125-175 Amperes 1600 Volts)
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
6A TRIACS
logo
Powerex Power Semicondu...
T6100113 POWEREX-T6100113 Datasheet
248Kb / 6P
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
More results

Similar Description - T610H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
logo
New Jersey Semi-Conduct...
T2300 NJSEMI-T2300 Datasheet
137Kb / 2P
2.5-A Sensitive-Gate Silicon Triacs
logo
Littelfuse
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com