Electronic Components Datasheet Search
  English  ▼

X  

T810H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T810H
Description  High temperature 8 A sensitive TRIACs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810H Datasheet(HTML) 1 Page - STMicroelectronics

  T810H Datasheet HTML 1Page - STMicroelectronics T810H Datasheet HTML 2Page - STMicroelectronics T810H Datasheet HTML 3Page - STMicroelectronics T810H Datasheet HTML 4Page - STMicroelectronics T810H Datasheet HTML 5Page - STMicroelectronics T810H Datasheet HTML 6Page - STMicroelectronics T810H Datasheet HTML 7Page - STMicroelectronics T810H Datasheet HTML 8Page - STMicroelectronics T810H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2009
Doc ID 15714 Rev 1
1/10
10
T810H
High temperature 8 A sensitive TRIACs
Features
Medium current TRIAC
Logic level sensitive TRIAC
150 °C max. Tj turn-off commutation
Clip bounding
RoHS (2002/95/EC) compliant packages
Applications
The T810H is designed for the control of AC
actuators in appliances and industrial systems.
The multi-port drive of the microcontroller can
control the multiple loads of such appliances
and systems through these sensitive gate
TRIACs.
Description
Specifically designed to operate at 150 °C, the
new 8 A T810H TRIACs provide an enhanced
performance in terms of power loss and thermal
dissipation. This allows the optimization of the
heatsink size, leading to space and cost
effectiveness when compared to electro-
mechanical solutions.
Based on ST logic level technology, they offer an
IGT lower than 10 mA and specified minimal
commutation and high noise immunity levels valid
up to the Tj max.
Table 1.
Device summary
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600
V
IGT MAX
10
mA
A2
A1
G
A2
A2
A1
G
A2
A2
A1
G
D2PAK
T810H-6G
TO-220AB
T810H-6T
www.st.com


Similar Part No. - T810H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T810H-6T ISC-T810H-6T Datasheet
314Kb / 3P
isc Triacs
More results

Similar Description - T810H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
High temperature 8 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com