Electronic Components Datasheet Search
  English  ▼

X  

TSV622 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV622
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV622 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV622 Datasheet HTML 1Page - STMicroelectronics TSV622 Datasheet HTML 2Page - STMicroelectronics TSV622 Datasheet HTML 3Page - STMicroelectronics TSV622 Datasheet HTML 4Page - STMicroelectronics TSV622 Datasheet HTML 5Page - STMicroelectronics TSV622 Datasheet HTML 6Page - STMicroelectronics TSV622 Datasheet HTML 7Page - STMicroelectronics TSV622 Datasheet HTML 8Page - STMicroelectronics TSV622 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
June 2009
Doc ID 15689 Rev 2
1/25
25
TSV622, TSV623, TSV624, TSV625
Rail-to-rail input/output 29 µA 420 kHz CMOS operational amplifiers
Features
Rail-to-rail input and output
Low power consumption: 29 µA typ, 36 µA max
Low supply voltage: 1.5 – 5.5 V
Gain bandwidth product: 420 kHz typ
Unity gain stability
Low power shutdown mode: 5 nA typ
Good accuracy: 800 µV max (A version)
Low input bias current: 1 pA typ
Micropackages: MiniSO-8, SOT23-8,
MiniSO-10, TSSOP14, TSSOP16
EMI hardened operational amplifiers
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 to +125° C
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV622, TSV623, TSV624 and TSV625 dual
and quad operational amplifiers offer low voltage,
low power operation and rail-to-rail input and
output.
The TSV62x series features an excellent
speed/power consumption ratio, offering a
420 kHz gain bandwidth product while consuming
only 29 µA at a 5 V supply voltage. These op-
amps are unity gain stable for capacitive loads up
to 100 pF. They also feature an ultra-low input
bias current and low input offset voltage.
TSV623 (dual) and TSV625 (quad) have two
shutdown pins in order to reduce power
consumption.
These features make the TSV62x family ideal for
sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSSOP-14
MiniSO-8
SO-8
SOT23-8
TSSOP-16
www.st.com


Similar Part No. - TSV622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV622 STMICROELECTRONICS-TSV622 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
TSV622-3-4-5 STMICROELECTRONICS-TSV622-3-4-5 Datasheet
917Kb / 25P
Micropower, wide bandwidth CMOS operational amplifiers
01-Mar-2010
TSV622A STMICROELECTRONICS-TSV622A Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
TSV622AIDT STMICROELECTRONICS-TSV622AIDT Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV622AIST STMICROELECTRONICS-TSV622AIST Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
More results

Similar Description - TSV622

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com