Electronic Components Datasheet Search
  English  ▼

X  

UC3175B Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3175B
Description  Full-Bridge Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3175B Datasheet(HTML) 1 Page - Texas Instruments

  UC3175B Datasheet HTML 1Page - Texas Instruments UC3175B Datasheet HTML 2Page - Texas Instruments UC3175B Datasheet HTML 3Page - Texas Instruments UC3175B Datasheet HTML 4Page - Texas Instruments UC3175B Datasheet HTML 5Page - Texas Instruments UC3175B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10/94
Note: Pin numbers refer to PLCC package.
BLOCK DIAGRAM
•
Precision Current Control
•
±800mA Load Current
•
1.25V Total VSAT at 800mA
•
Controlled Velocity Head Parking
•
Precision Dual Supply Monitor
with Indicator
•
Limit Input to Force Output
Extremes
•
Inhibit Input and UVLO
•
4V to 15V operation
This full-bridge power amplifier is rated for continuous output current of 0.8 Am-
peres and is intended for use in demanding servo applications such as head
positioning for high-density disk drives. The device includes a precision current
sense amplifier that provides accurate control of load current. Current is
sensed with a single resistor in series with the load. The power amplifier has a
very low output saturation voltage and will operate down to 4V supply levels.
Power output stage protection includes current limiting and thermal shutdown.
Auxiliary functions on this device include a dual-input under-voltage compara-
tor, which can monitor two independent supply voltages and force a built-in
head park function when either is below minimum. When activated by either the
UV comparator, or a command at the separate PARK input, the park circuitry
will override the amplifier inputs to convert the power outputs to a programma-
ble constant voltage source which will hold regulation as the supply voltage
falls to below 3.0 Volts. Added features include a POWER OK flag output, a
LIMIT input to force the drive output to its maximum level in either polarity, and
a over-riding INHIBIT input to disable all amplifiers and reduce quiescent sup-
ply current.
This device is packaged in a power PLCC surface mount configuration which
maintains a standard 28-pin outline, but with 7 pins along one edge allocated to
ground for optimum thermal transfer. And is also available in a 24-pin surface
mount SOIC package.
UC3175B
Full-Bridge Power Amplifier
FEATURES
DESCRIPTION
UDG-92054-1


Similar Part No. - UC3175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3172ADW TI1-UC3172ADW Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3172ADWP TI1-UC3172ADWP Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3172AQP TI1-UC3172AQP Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
Full Bridge Power Amplifier
More results

Similar Description - UC3175B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
Full Bridge Power Amplifier
UC3176 TI-UC3176 Datasheet
389Kb / 5P
Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
Full Bridge Power Amplifier
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
Full Bridge or Single Ended Audio Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
Buffered Power Full-Bridge
logo
Texas Instruments
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
Full Bridge Power Amplifier
logo
Microchip Technology
MSCSM120HM083CAG MICROCHIP-MSCSM120HM083CAG Datasheet
1Mb / 16P
Full Bridge SiC Power Module
A 04/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com