Electronic Components Datasheet Search
  English  ▼

X  

PPC21001B13 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # PPC21001B13
Description  Metal Glaze Surface Mount Precision Power Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PPC21001B13 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  PPC21001B13 Datasheet HTML 1Page - IRC - a TT electronics Company. PPC21001B13 Datasheet HTML 2Page - IRC - a TT electronics Company. PPC21001B13 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
PPC 1/8, 1/2, 1, 2
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000; 1000Ω = 1001
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 10R0; 0.25Ω = R250
Tolerance (EIA format)
B = ±0.1%, C = ±0.25%, D = ±0.5%
RoHS Indicator
LF indicates RoHS compliance
Blank designates 60% Sn / 40% Pb Solder
Packaging
(BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel)
Ordering Data
PPC1 25
1001
F
LF
13
Metal Glaze™ Surface Mount
Precision Power Chip
Size
Code
Industry
Footprint
Reel
Diameter*
Quantity Per Reel
Carrier Tape Width
Component Pitch
B
1206
7", 13"
2,500 max., 10,000 max.
8mm
4mm
D
2010
7", 13"
1,500 max., 5,000 max.
12mm
4mm
F
2512
13"
5,000 max.
12mm
4mm
H
3610
7"
1,500 max.
24mm
4mm
Standard Reel Packaging Per EIA-481
* The 13" reel is considered standard and will be supplied unless otherwise specified.
30 40 50 60 70 80 90 100 110 120 130 140 150
100
80
60
40
20
0
Ambient Temperature (°C)
PPC 1/8, 1/2, 1
PPC 2
Power Derating Curve
Specify type, resistance, tolerance, RoHS-Compliance and packaging.
This example is for a Surface Mount Precision Power Chip.
Repetitive Surge Curve
0.0001
0.0010
0.0100
0.1000
1.0000
.1msec
1msec
10msec
100msec
10000msec
Surge or Pulse Duration (seconds)
PPC 1
PPC 2
PPC 1/8
1000
100
10
1
PPC
1/2
PPC Series Issue November 2008 Sheet 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com