Electronic Components Datasheet Search
  English  ▼

X  

UC5180C Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5180C
Description  Octal Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5180C Datasheet(HTML) 1 Page - Texas Instruments

  UC5180C Datasheet HTML 1Page - Texas Instruments UC5180C Datasheet HTML 2Page - Texas Instruments UC5180C Datasheet HTML 3Page - Texas Instruments UC5180C Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Sink Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Output Short Circuit Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Sec
Common Mode Input Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Differential Input Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Failsafe Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VCC
PLCC Power Dissipation, TA = 25°C (Note 2). . . . . . . . . . . . . . . . . . . 1000 mW
DIP Power Dissipation, TA = 25°C (Note 2) . . . . . . . . . . . . . . . . . . . . 1200 mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . . . . . . . . . . . . . -300°C
Note 1: All voltages are with respect to ground, pin 14. Currents are positive
into, negative out of the specified terminal
Note 2: Consult Packaging Section of Databook for thermal limitations and
considerations of package.
Octal Line Receiver
UC5180C
DIL-28 (TOP VIEW)
CONNECTION DIAGRAMS
DESCRIPTION
The UC5180C is an octal line receiver designed to meet a wide range
of digital communications requirements as outlined in EIA standards
EIA232E, EIA423A, EIA422A, and CCITT V.10, V.11, V.28, X.26, and
X.27. The UC5180C includes an input noise filter and is intended for
applications employing data rates up to 200 KBPS. A failsafe function
allows these devices to "fail" to a known state under a wide variety of
fault conditions at the inputs.
FEATURES
•
Meets EIA 232E/423A/422A and CCITT
V.10,V.11, V.28, X.26, X.27
•
Single +5V Supply--TTL Compatible
Outputs
•
Differential Inputs Withstand
± 25V
•
Low Open Circuit Voltage for Improved
Failsafe Characteristic
•
Reduced Supply Current--35 mA Max
•
Input Noise Filter
•
Internal Hysteresis
PLCC-28 (TOP VIEW)
1/94


Similar Part No. - UC5180C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5180C TI1-UC5180C Datasheet
214Kb / 6P
Octal Line Receiver
UC5180CJ TI1-UC5180CJ Datasheet
214Kb / 6P
Octal Line Receiver
UC5180CQ TI1-UC5180CQ Datasheet
214Kb / 6P
Octal Line Receiver
UC5180CQTR TI1-UC5180CQTR Datasheet
214Kb / 6P
Octal Line Receiver
UC5180C TI1-UC5180C_15 Datasheet
214Kb / 6P
Octal Line Receiver
More results

Similar Description - UC5180C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6180 STMICROELECTRONICS-L6180 Datasheet
154Kb / 10P
OCTAL LINE RECEIVER
Oct-1993
logo
Texas Instruments
UC5181C TI-UC5181C Datasheet
115Kb / 5P
Octal Line Receiver
logo
Fairchild Semiconductor
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
Texas Instruments
UC5180C TI1-UC5180C_15 Datasheet
214Kb / 6P
Octal Line Receiver
UC5181C TI1-UC5181C_09 Datasheet
222Kb / 5P
Octal Line Receiver
logo
Device Engineering Inco...
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com