Electronic Components Datasheet Search
  English  ▼

X  

UC5181C Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5181C
Description  Octal Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5181C Datasheet(HTML) 1 Page - Texas Instruments

  UC5181C Datasheet HTML 1Page - Texas Instruments UC5181C Datasheet HTML 2Page - Texas Instruments UC5181C Datasheet HTML 3Page - Texas Instruments UC5181C Datasheet HTML 4Page - Texas Instruments UC5181C Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Octal Line Receiver
FEATURES
•
Meets EIA232E/423A/422A and CCITT
V.10, V.11, V.28, X.26, X.27
•
Single +5V Supply—TTL Compatible
Outputs
•
Differential Inputs withstand
±25V
•
Low Open Circuit Voltage for Improved
Failsafe Characteristic
•
Reduced Supply Current—35mA Max
•
Internal Hysteresis
DESCRIPTION
The UC5181C is an octal line receiver designed to meet a wide range
of digital communications requirements as outlined in EIA standards
EIA232E, EIA422A, EIA423A and CCITT V.10, V.11, V.28, X.26, and
X.27. The UC5181C is similar to the UC5180C, but without the input
filtering. Thus, it covers the entire range of data rates up to 10MBPS. A
failsafe function allows these devices to “fail” to a known state under a
wide variety of fault conditions at the inputs.
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Sink Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Output Short Circuit Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Sec
Common Mode Input Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Differential Input Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Failsafe Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VCC
PLCC Power Dissipation, TA=25
° C (Note 2) . . . . . . . . . . . . . . . . . . . 1000 mW
DIP Power Dissipation, TA=25
° C (Note 2) . . . . . . . . . . . . . . . . . . . . . 1200 mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -65
° C to +150° C
Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . . . . . . . . . . . . . -300
° C
Note 1: All voltages are with respect to ground, pin 14. Currents are positive in,
negative out of the specified terminal.
Note 2: Consult packaging section of Databook for thermal limitations and
considerations of package.
CONNECTION DIAGRAMS
UC5181C
DIL-28 (TOP VIEW)
PLCC-28 (TOP VIEW)
1/94


Similar Part No. - UC5181C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5181C TI1-UC5181C Datasheet
222Kb / 5P
Octal Line Receiver
UC5181CQ TI1-UC5181CQ Datasheet
222Kb / 5P
Octal Line Receiver
UC5181C TI1-UC5181C_09 Datasheet
222Kb / 5P
Octal Line Receiver
More results

Similar Description - UC5181C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6180 STMICROELECTRONICS-L6180 Datasheet
154Kb / 10P
OCTAL LINE RECEIVER
Oct-1993
logo
Texas Instruments
UC5180C TI-UC5180C Datasheet
194Kb / 4P
Octal Line Receiver
logo
Fairchild Semiconductor
DM74LS240 FAIRCHILD-DM74LS240 Datasheet
72Kb / 7P
Octal 3-STATE Buffer/Line Driver/Line Receiver
DM74S240 FAIRCHILD-DM74S240 Datasheet
46Kb / 4P
Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
Texas Instruments
UC5180C TI1-UC5180C_15 Datasheet
214Kb / 6P
Octal Line Receiver
UC5181C TI1-UC5181C_09 Datasheet
222Kb / 5P
Octal Line Receiver
logo
Device Engineering Inco...
DEI1046 DEIAZ-DEI1046 Datasheet
413Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1049 DEIAZ-DEI1049 Datasheet
690Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com