Electronic Components Datasheet Search
  English  ▼

X  

UC495 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC495
Description  Advanced Regulating Pulse Width Modulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC495 Datasheet(HTML) 3 Page - Texas Instruments

  UC495 Datasheet HTML 1Page - Texas Instruments UC495 Datasheet HTML 2Page - Texas Instruments UC495 Datasheet HTML 3Page - Texas Instruments UC495 Datasheet HTML 4Page - Texas Instruments UC495 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Deadtime Control Section (cont.) (Output Control Connected to VREF)
Input Threshold Voltage (Pin 4)
Zero Duty-Cycle
3
3.3
V
Maximum Duty-Cycle
0
V
Amplifier Section
Input Offset Voltage
VO (PIN 3) = 2.5V
2
10
mV
Input Offset Current
VO (PIN 3) =2.5V
25
250
nA
Input Bias Current
VO (PIN 3) = 2.5V
-0.2
-1
µA
Common-Mode Input Voltage Range
VCC = 7V to 40V
.03 to
VCC -2
V
Open Loop Voltage Gain
∆VO = 3V, VO = 0.5V to 3.5 V
70
95
dB
Unity Gain Bandwidth
800
kHz
Common-Mode Rejection Ratio
VCC = 40V, TA = 25
°C65
80
dB
Output Sink Current (Pin 3)
VID = -15mV to -5V, V(PIN 3) = 0.7V
0.3
0.7
mA
Output Source Current (Pin 3)
VID = 15mV to 5V, V(PIN 3) = 3.5V
-2
mA
Output Section
Collector Off-State Current
VCE = 40V, VCC = 40V
2
100
µA
Emitter Off-State Current
VCC = VC = 40V, VE = 0
-100
µA
Collector - Emitter
Saturation Voltage
Common-Emitter
VE = 0, IC = 200mA
1.1
1.3
V
Emitter-Follower
VC = 15V, IE = -200mA
1.5
2.5
V
Output Control Input Current
VI = VREF
3.5
mA
PWM Comparator Section
Input Threshold Voltage (Pin 3)
Zero Duty-Cycle
4
4.5
V
Input Sink Current (Pin 3)
V(PIN 3) = 0.7V
0.3
0.7
mA
Steering Control (UC495A, See Function Table)
Input Current
V(PIN 13) = 0.4V, Q1 ACTIVE
-200
µA
V(PIN 13) = 2.4V, Q2 ACTIVE
300
µA
Deadband
500
mV
Zener Diode Circuit (UC495A)
Breakdown Voltage
VCC = 45V, IZ = 2mA
36
39
45
V
Sink Current
V(PIN 15) = 1V
0.2
0.3
0.6
mA
Total Device
Standby Supply Current
Pin 6 at VREF, All other inputs and
outputs open
VCC = 15V
6
10
mA
VCC = 40V
9
15
mA
Under Voltage Lockout
3.5
6.5
V
Hysteresis
300
mV
Switching Characteristics (TA = 25
°C)
Output Voltage Rise Time
Common-Emitter Configuration
100
200
ns
Output Voltage Fall Time
RL = 68
Ω, CL = 15pF
25
100
ns
Output Voltage Rise Time
Emitter-Follower Configuration
100
200
ns
Output Voltage Fall Time
RL = 68
Ω, CL=15pF
40
100
ns
Note 1: Duration of the short circuit should not exceed one second.
Note 2: Frequency for other values of CT and RT is approximately f
=
1.1
RTCT
Note 3: Standard deviation is a measure of the statistical distribution about the mean as derived from the formula:
σ
=
√nΣ(Xn−X)2
n
= 1
n
− 1
.
UC494A/AC
UC495A/AC
Unless otherwise stated, over recommended operating free-air temperature range,
VCC = 15V, f = 10kHz, TA = TJ.
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com